Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 10Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 11Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 12Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 13Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 14Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 15Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 16Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 17Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
-90
-85
-80
-75
-70
-65
-60
-55
-50
10
100
1k
10k
100k
FREQUENCY (Hz)
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-65
-60
-55
-50
10
100
1k
10k
100k
FREQUENCY (Hz)
0
40
80
120
160
200
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
TI Confidential - NDA Restrictions
LM49151
SNAS482F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
(1) (continued)
Output Power vs Supply Voltage
CMRR vs Frequency
RL = 8Ω, f = 1kHz
VDD = 5V, VCM = 1VP-P, RL = 8Ω
Earpiece Bypass Mode
Loudspeaker Mode 1
Figure 21.
Figure 22.
CMRR vs Frequency
CMRR vs Frequency
VDD = 5V, VCM = 1VP-P, RL = 32Ω
VDD = 3.3V, VCM = 1VP-P, RL = 8Ω
Headphone Mode 4
Earpiece Bypass Mode
Figure 23.
Figure 24.
Crosstalk vs Frequency
PSRR vs Frequency
VDD = 3.3V, VCM = 1VP-P, RL = 32Ω
VDD = 3.3V, VRIPPLE = 200mVP-P, RL = 8Ω
Headphone Mode 8
Loudspeaker Mode 1
Figure 25.
Figure 26.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com