Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 25Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 26Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 27Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 28Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 29Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 30Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 31Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 32Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
Table 10. Attack Time Coefficient
B5
B4
αATK
0
0
2.667
0
1
2
1
0
1.333
1
1
1
RELEASE TIME
Release time (tRL) is the time it takes for the gain to return from 6dB (LS_GAIN=0) to its normal level once the
audio signal returns below the ALC threshold. A fast release time allows the ALC to react quickly to transients,
preserving the original dynamics of the audio source. However, similar to a fast attack time, a fast release time
contributes to volume pumping. A slow release time reduces the effect of volume pumping. The release time is
set by a combination of the value of CSET and release time coefficient as given by Equation 3:
tRL = 20MΩCSET / αRL (s)
(3)
where
αRL is the release time coefficient (Table 11) set by bits B4:B3 in the No Clip Control Register. The release
time coefficient allows the user to set a nominal release time. The internal 20M
Ω is subject to temperature
change, and it has tolerance between -11% to +20%.
Table 11. Release Time Coefficient
B5
B4
αRL
0
0
2
0
1
2.5
1
0
3
1
1
5
PROPER SELECTION OF EXTERNAL COMPONENTS
ALC Timing (CSET) Capacitor Selection
The recommended range value of CSET is between .01μF to 1μF. Lowering the value below .01μF can increase
the attack time but LM49151 ALC ability to regulate its output can be disrupted and approaches the hard limiter
circuit. This in turn increases the THD+N and audio quality will be severely affected.
Charge Pump Capacitor Selection
Use low ESR ceramic capacitors (less than 100m
Ω) for optimum performance.
Charge Pump Flying Capacitor (C1)
The flying capacitor (C1), see Figure 1, affects the load regulation and output impedance of the charge pump. A
C1 value that is too low results in a loss of current drive, leading to a loss of amplifier headroom. A higher valued
C1 improves load regulation and lowers charge pump output impedance to an extent. Above 2.2µF, the
RDS(ON) of the charge pump switches and the ESR of C1 and CPVSS dominate the output impedance. A lower
value capacitor can be used in systems with low maximum output power requirements.
Charge Pump Hold Capacitor (CPVSS)
The value and ESR of the hold capacitor (CPVSS) directly affects the ripple on CPVSS. (see Figure 1) Increasing
the value of CPVSS reduces output ripple. Decreasing the ESR of CPVSS reduces both output ripple and charge
pump output impedance. A lower value capacitor can be used in systems with low maximum output power
requirements.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com