Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM49151TL/NOPB Datasheet HTML 1Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 2Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 3Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TI Confidential - NDA Restrictions
LM49151
SNAS482F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3 to VDD +0.3
Power Dissipation(4)
Internally Limited
ESD Rating(5)
2.0kV
ESD Rating(6)
200V
Junction Temperature
150°C
Soldering Information
See AN-1112 (SNVA009) “DSBGA Wafer Level Chip Scale Package”
Thermal Resistance
θJA (typ) - YZR0020
46.1°C/W
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD, LSVDD)
2.7V
≤ VDD ≤ 5.5V
1.7V
≤ I2CVDD ≤ 5.5V
Supply Voltage (I2CVDD)
I2CVDD ≤ VDD
Electrical Characteristics 3.3V
(1) (2)
The following specifications apply for LS and HP VOLUMEGAIN = 0dB, LSGAIN =12dB, HPGAIN = 0dB RL = 8Ω+30µH
(Loudspeaker), RL = 32Ω (Headphone), RL = 8Ω (Earpiece), CSET = 0.1µF, ALC disabled, f = 1kHz, unless otherwise
specified. Limits apply for TA = 25°C. (Note 7).
LM49151
Units
Symbol
Parameter
Conditions
Typical
Limits
(Limits)
(3)
(4)
VIN = 0, No Load
LS mode 1
3.7
5.5
mA (max)
LS Mode 1, ALC enabled
4
6
mA (max)
HP Mode 8
4.9
7
mA (max)
IDD
Supply Current
EP Bypass Mode
0.8
1.3
mA (max)
LS+HP Mode 5 and 10
7
10.5
mA (max)
LS Mode 1, GAMP_SD = 1
3
mA
HP Mode 8, GAMP_SD = 1
4.3
mA
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com