Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 3 Page - Texas Instruments

  LM5111 Datasheet HTML 1Page - Texas Instruments LM5111 Datasheet HTML 2Page - Texas Instruments LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
OUT A
1
2
3
4
5
6
7
8
NC
IN_A
VEE
IN_B
NC
VCC
OUT_B
3
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
5 Device Options
Table 1. Configuration Table
PART NUMBER
"A" OUTPUT CONFIGURATION
"B" OUTPUT CONFIGURATION
PACKAGE
LM5111-1M/-1MX/-1MY/-1MYX
Noninverting (Low in UVLO)
Noninverting (Low in UVLO)
SOIC, MSOP-PowerPAD
LM5111-2M/-2MX/-2MY/-2MYX
Inverting (Low in UVLO)
Inverting (Low in UVLO)
SOIC, MSOP-PowerPAD
LM5111-3M/-3MX/-3MY/-3MYX
Inverting (Low in UVLO)
Noninverting (Low in UVLO)
SOIC, MSOP-PowerPAD
LM5111-4M/-4MX/-4MY/-4MYX
Inverting (High in UVLO)
Noninverting (Low in UVLO)
SOIC, MSOP-PowerPAD
(1)
Only available with the MSOP-PowerPAD package.
6 Pin Configuration and Functions
D and DGN Package
8-Pin SOIC and MSOP-PowerPAD
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN_A
2
I
‘A’ side control input. TTL compatible thresholds.
IN_B
4
I
‘B’ side control input. TTL compatible thresholds.
OUT_A.
7
O
Output for the ‘A’ side driver. Voltage swing of this output is from VCC to VEE. The output stage is
capable of sourcing 3 A and sinking 5 A.
OUT_B
5
O
Output for the ‘B’ side driver. Voltage swing of this output is from VCC to VEE. The output stage is
capable of sourcing 3 A and sinking 5 A.
VCC
6
—
Positive output supply. Locally decouple to VEE.
VEE
3
—
Ground reference for both inputs and outputs. Connect to power ground.
NC
1, 8
—
No Connection
Exposed Pad(1)
—
It is recommended that the exposed pad on the bottom of the package be soldered to ground plane on
the PC board to aid thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com