Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 5 Page - Texas Instruments

  LM5111 Datasheet HTML 1Page - Texas Instruments LM5111 Datasheet HTML 2Page - Texas Instruments LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The output resistance specification applies to the MOS device only. The total output current capability is the sum of the MOS and
Bipolar devices.
7.5 Electrical Characteristics
TJ = −40°C to +125°C, VCC = 12 V, VEE = 0 V, No Load on OUT_A or OUT_B, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC operating range
VCC−VEE
3.5
14
V
VCCR
VCC undervoltage lockout (rising)
VCC−VEE
2.3
2.9
3.5
V
VCCH
VCC undervoltage lockout hysteresis
230
mV
ICC
VCC supply current (ICC)
IN_A = IN_B = 0 V (5111-1)
1
2
mA
IN_A = IN_B = VCC (5111-2)
1
2
IN_A = VCC, IN_B = 0 V (5111-3)
1
2
CONTROL INPUTS
VIH
Logic high
2.2
V
VIL
Logic low
0.8
V
VthH
High threshold
1.3
1.75
2.2
V
VthL
Low threshold
0.8
1.35
2
V
HYS
Input hysteresis
400
mV
IIL
Input current low
IN_A=IN_B=VCC (5111-1-2-3)
–1
0.1
1
µA
IIH
Input current high
IN_B=VCC (5111-3)
10
18
25
IN_A=IN_B=VCC (5111-2)
–1
0.1
1
IN_A=IN_B=VCC (5111-1)
10
18
25
IN_A=VCC (5111-3)
–1
0.1
1
OUTPUT DRIVERS
ROH
Output resistance high
IOUT = −10 mA
(1)
30
50
Ω
ROL
Output resistance low
IOUT = + 10 mA
(1)
1.4
2.5
Ω
ISource
Peak source current
OUTA/OUTB = VCC/2,
200-ns Pulsed Current
3
A
ISink
Peak sink current
OUTA/OUTB = VCC/2,
200-ns Pulsed Current
5
A
LATCHUP PROTECTION
AEC - Q100, method 004
TJ = 150°C
500
mA
THERMAL RESISTANCE
θJA
Junction to ambient,
0 LFPM air flow
SOIC Package
170
°C/W
MSOP-PowerPAD Package
60
θJC
Junction to case
SOIC Package
70
°C/W
MSOP-PowerPAD Package
4.7
(1)
See Figure 1 and Figure 2.
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td1
Propagation delay time low to high,
IN rising (IN to OUT)
CLOAD = 2 nF
(1)
25
40
ns
td2
Propagation delay time high to low,
IN falling (IN to OUT)
CLOAD = 2 nF
(1)
25
40
ns
tr
Rise time
CLOAD = 2 nF
(1)
14
25
ns
tf
Fall time
CLOAD = 2 nF
(1)
12
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com