Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments LM5111 Datasheet HTML 10Page - Texas Instruments LM5111 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
100
1k
10k
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
tr
tf
TA = 25°C
VCC = 12V
4
6
8
10
12
14
16
SUPPLY VOLTAGE (V)
17.5
20
22.5
25
27.5
30
32.5
tD2
tD1
TA = 25°C
CL = 2200pF
-75 -50 -25
0
25 50 75 100 125 150 175
10
12
14
16
18
20
TEMPERATURE (°C)
tr
tf
VCC = 12V
CL = 2200pF
4
6
9 10
12 13
16
10
14
16
18
20
SUPPLY VOLTAGE (V)
12
5
7
8
11
14 15
tr
tf
TA = 25°C
CL = 2200pF
1
10
100
1000
FREQUENCY (kHz)
0.1
1
10
100
VCC = 15V
VCC = 10V
VCC = 5V
TA = 25°C
CL = 2200pF
100
1
1k
100
10k
CAPACITIVE LOAD (pF)
0.1
10
1000
f = 500kHz
f = 100kHz
f = 10kHz
TA = 25°C
VCC = 12V
7
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 3. Supply Current vs Frequency
Figure 4. Supply Current vs Capacitive Load
Figure 5. Rise and Fall Time vs Supply Voltage
Figure 6. Rise and Fall Time vs Temperature
Figure 7. Rise and Fall Time vs Capacitive Load
Figure 8. Delay Time vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com