Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 9Page - Texas Instruments LM5111 Datasheet HTML 10Page - Texas Instruments LM5111 Datasheet HTML 11Page - Texas Instruments LM5111 Datasheet HTML 12Page - Texas Instruments LM5111 Datasheet HTML 13Page - Texas Instruments LM5111 Datasheet HTML 14Page - Texas Instruments LM5111 Datasheet HTML 15Page - Texas Instruments LM5111 Datasheet HTML 16Page - Texas Instruments LM5111 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 Bias Supply Voltage
The recommended bias supply voltage range for LM5111 is from 3.5 V to 14 V. The upper end of this range is
driven by the 15-V absolute maximum voltage rating of the VCC. TI recommends keeping proper margin to allow
for transient voltage spikes. A local bypass capacitor must be placed between the VCC and VEE pins, and this
capacitor must be placed as close to the device as possible. TI recommends a low ESR, ceramic surface mount
capacitor. TI recommends using 2 capacitors across VCC and VEE: a 100-nF ceramic surface-mount capacitor
for high frequency filtering placed very close to VCC and VEE pin, and another surface-mount capacitor, 220 nF
to 10 µF, for IC bias requirements.
11 Layout
11.1 Layout Guidelines
Attention must be given to board layout when using LM5111. Some important considerations include:
•
A Low ESR/ESL capacitor must be connected close to the IC and between the VCC and VEE pins to support
high peak currents being drawn from VCC during turnon of the MOSFET.
•
Proper grounding is crucial. The drivers need a very low impedance path for current return to ground avoiding
inductive loops. The two paths for returning current to ground are a) between LM5111 VEE pin and the ground
of the circuit that controls the driver inputs, b) between LM5111 VEE pin and the source of the power
MOSFET being driven. All these paths should be as short as possible to reduce inductance and be as wide
as possible to reduce resistance. All these ground paths should be kept distinctly separate to avoid coupling
between the high current output paths and the logic signals that drive the LM5111. A good method is to
dedicate one copper plane in a multi-layered PCB to provide a common ground surface.
•
With the rise and fall times in the range of 10 ns to 30 ns, care is required to minimize the lengths of current
carrying conductors to reduce their inductance and EMI from the high di/dt transients generated by the
LM5111.
•
The LM5111 footprint is compatible with other industry standard drivers including the TC4426/27/28 and
UCC27323/4/5.
•
If either channel is not being used, the respective input pin (IN_A or IN_B) should be connected to either VEE
or VCC to avoid spurious output signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com