Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments LM5111 Datasheet HTML 10Page - Texas Instruments LM5111 Datasheet HTML 11Page - Texas Instruments LM5111 Datasheet HTML 12Page - Texas Instruments LM5111 Datasheet HTML 13Page - Texas Instruments LM5111 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
LM5111
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Undervoltage Lockout
An undervoltage lockout (UVLO) circuit is included in the LM5111, which senses the voltage difference between
VCC and the chip ground pin, VEE. When the VCC to VEE voltage difference falls below 2.8 V both driver channels
are disabled. The UVLO hysteresis prevents chattering during brown-out conditions and the driver resumes
normal operation when the VCC to VEE differential voltage exceeds approximately 3 V.
The LM5111-1, -2, and -3 devices hold both outputs in the low state in the UVLO condition. The LM5111-4 is
distinguished from the LM5111-3 by the active high output state of OUT_A during UVLO. When VCC is less than
the UVLO threshold voltage, OUT_A of the LM5111-4 will be locked in the high state while OUT_B will be
disabled in the low state. This configuration allows the LM5111-4 to drive a PFET through OUT_A and an NFET
through OUT_B with both FETs safely turned off during UVLO.
8.3.2 Output Stage
The two driver channels of the LM5111 are designed as identical cells. Transistor matching inherent to integrated
circuit manufacturing ensures that the AC and DC peformance of the channels are nearly identical. Closely
matched propagation delays allow the dual driver to be operated as a single with inputs and output pins
connected. The drive current capability in parallel operation is precisely 2× the drive of an individual channel.
Small differences in switching speed between the driver channels will produce a transient current (shoot-through)
in the output stage when two output pins are connected to drive a single load. Differences in input thresholds
between the driver channels will also produce a transient current (shoot-through) in the output stage. Fast
transition input signals are especially important while operating in a parallel configuration. The efficiency loss for
parallel operation has been characterized at various loads, supply voltages and operating frequencies. The
power dissipation in the LM5111 increases be less than 1% relative to the dual driver configuration when
operated as a single driver with inputs/ outputs connected.
8.4 Device Functional Modes
Table 2. Input/output Logic Table
LM5111-1M
LM5111-2M
LM5111-3M/LM5111-4M
IN A
IN B
OUT A
OUT B
IN A
IN B
OUT A
OUT B
IN A
IN B
OUT A
OUT B
L
L
L
L
L
L
H
H
L
L
H
L
L
H
L
H
L
H
H
L
L
H
H
H
H
L
H
L
H
L
L
H
H
L
L
L
H
H
H
H
H
H
L
L
H
H
L
H
In UVLO
L
L
In UVLO
L
L
In UVLO
L/H
L/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com