Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 1 Page - Texas Instruments

  LM5111 Datasheet HTML 1Page - Texas Instruments LM5111 Datasheet HTML 2Page - Texas Instruments LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM5111
INB
INA
0.1 µF
1.0 µF
N/C
INA
2
VEE
3
INB
4
7
6
5
8
N/C
OUTA
VCC
OUTB
1
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5111
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
LM5111 Dual 5-A Compound Gate Driver
1
1 Features
1
•
Independently Drives Two N-Channel MOSFETs
•
Compound CMOS and Bipolar Outputs Reduce
Output Current Variation
•
5-A Sink and 3-A Source Current Capability
•
Two Channels can be Connected in Parallel to
Double the Drive Current
•
Independent Inputs (TTL Compatible)
•
Fast Propagation Times (25 ns Typical)
•
Fast Rise and Fall Times (14 ns and 12 ns Rise
and Fall, Respectively, With 2-nF Load)
•
Available in Dual Noninverting, Dual Inverting and
Combination Configurations
•
Supply Rail Undervoltage Lockout Protection
(UVLO)ƒ
•
LM5111-4 UVLO Configured to Drive PFET
through OUT_A and NFET through OUT_B
•
Pin Compatible With Industry Standard Gate
Drivers
2 Applications
•
Synchronous Rectifier Gate Drivers
•
Switch-mode Power Supply Gate Driver
•
Solenoid and Motor Drivers
3 Description
The LM5111 Dual Gate Driver replaces industry
standard gate drivers with improved peak output
current and efficiency. Each compound output driver
stage includes MOS and bipolar transistors operating
in parallel that together sink more than 5-A peak from
capacitive
loads.
Combining
the
unique
characteristics of MOS and bipolar devices reduces
drive current variation with voltage and temperature.
Undervoltage lockout protection is also provided. The
drivers can be operated in parallel with inputs and
outputs
connected
to
double
the
drive
current
capability. This device is available in the SOIC
package
or
the
thermally
enhanced
MSOP-
PowerPAD package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5111
SOIC (8)
5.00 mm x 6.00 mm
MSOP-PowerPAD (8) 3.00 mm x 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram


Similar Part No. - LM5111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111-1M NSC-LM5111-1M Datasheet
205Kb / 10P
Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111-1M TI-LM5111-1M Datasheet
895Kb / 19P
LM5111 Dual 5A Compound Gate Driver
LM5111-1M/NOPB TI-LM5111-1M/NOPB Datasheet
895Kb / 19P
LM5111 Dual 5A Compound Gate Driver
More results

Similar Description - LM5111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
LM5111 TI-LM5111 Datasheet
895Kb / 19P
LM5111 Dual 5A Compound Gate Driver
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
Dual 5-A High-Speed Low-Side Gate Driver
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
Dual 5A Compound Gate Driver
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
LM5111 Dual 5A Compound Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com