Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 4 Page - Texas Instruments

  LM5111 Datasheet HTML 1Page - Texas Instruments LM5111 Datasheet HTML 2Page - Texas Instruments LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
LM5111
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
7 Specifications
7.1 Absolute Maximum Ratings
see
(1) (2)
MIN
MAX
UNIT
VCC to VEE
−0.3
15
V
IN to VEE
−0.3
15
V
Maximum junction temperature, TJ(max)
150
°C
Storage temperature, Tstg
−55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TJ
Operating junction temperature
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LM5111
UNIT
D
(SOIC)
DGN
(MSOP-PowerPAD)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
112.2
50.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.6
56.6
°C/W
RθJB
Junction-to-board thermal resistance
53.1
35.9
°C/W
ψJT
Junction-to-top characterization parameter
9.4
5.3
°C/W
ψJB
Junction-to-board characterization parameter
52.5
35.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com