Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5111 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5-A Compound Gate Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5111 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments LM5111 Datasheet HTML 10Page - Texas Instruments LM5111 Datasheet HTML 11Page - Texas Instruments LM5111 Datasheet HTML 12Page - Texas Instruments LM5111 Datasheet HTML 13Page - Texas Instruments LM5111 Datasheet HTML 14Page - Texas Instruments LM5111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM5111
INB
INA
0.1 µF
1.0 µF
N/C
INA
2
VEE
3
INB
4
7
6
5
8
N/C
OUTA
VCC
OUTB
1
Copyright © 2016, Texas Instruments Incorporated
11
LM5111
www.ti.com
SNVS300H – JULY 2004 – REVISED SEPTEMBER 2016
Product Folder Links: LM5111
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
High-frequency power supplies often require high-speed, high-current drivers such as the LM5111 family. A
leading application is the need to provide a high-power buffer stage between the PWM output of the control IC
and the gates of the primary power MOSFET or IGBT switching devices. In other cases, the driver IC is used to
drive the power-device gates through a drive transformer. Synchronous rectification supplies are also needed to
simultaneously drive multiple devices which presents an extremely large load to the control circuitry.
Driver ICs are used when use of the primary PWM regulator IC to directly drive the switching devices for one or
more reasons is not feasible. The PWMIC does not have the brute drive capability required for the intended
switching MOSFET, limiting the switching performance in the application. In other cases, there may be a desire
to minimize the effect of high-frequency switching noise by placing the high current driver physically close to the
load. Also, newer ICs that target the highest operating frequencies do not incorporate onboard gate drivers at all.
Their PWM outputs are only intended to drive the high impedance input to a driver such as the UCCx732x.
Finally, the control IC is under thermal stress due to power dissipation, and an external driver helps by moving
the heat from the controller to an external package.
9.2 Typical Application
Figure 12. LM5111 Driving Two Independent MOSFETs
9.2.1 Design Requirements
To select the proper device from the LM5111 family, TI recommends first checking the appropriate logic for the
outputs. LM5111 has dual inverting outputs; dual noninverting outputs; inverting channel A and noninverting
channel B. Refer to operating modes to select which driver from the family is required in a given application.
Moreover, some design considerations must be evaluated first in order to make the most appropriate selection.
Among these considerations are VCC and power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com