Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 20 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 16Page - Texas Instruments LMH0366 Datasheet HTML 17Page - Texas Instruments LMH0366 Datasheet HTML 18Page - Texas Instruments LMH0366 Datasheet HTML 19Page - Texas Instruments LMH0366 Datasheet HTML 20Page - Texas Instruments LMH0366 Datasheet HTML 21Page - Texas Instruments LMH0366 Datasheet HTML 22Page - Texas Instruments LMH0366 Datasheet HTML 23Page - Texas Instruments LMH0366 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Power Supply Recommendations
The LMH0366 requires a single 2.5V power supply. Circuit board layout and stack-up for the LMH0366 should be
optimized to minimize noise to the device from switching power supplies or nearby high speed devices.
It is recommended to provide power to the LMH0366 using a linear regulator. If a switching regulator used, the
power supply filtering must be adequate to filter the switching noise.
The following guidelines are recommended for supplying power to the LMH0366:
•
Bypass/decouple each supply pin with a high frequency ceramic bypass capacitor (0.01 µF to 0.1 µF) placed
as close as possible to the pin.
•
Deploy nearby bulk capacitors (2.2 µF to 22 µF) for additional power supply filtering.
•
Wherever possible, use two vias for each connection to internal power and ground planes to minimize the via
parasitics.
•
Use the capacitance of the power-ground system for extra bypassing by using thin dielectrics between the
power and ground planes.
•
Route high speed differential lines away from the device power pins to avoid coupling noise into the power
supply lines.
Loop Filter Recommendations
The LMH0366 uses a 56 nF capacitor for the loop filter, connected between the LF1 and LF2 pins. Alternately, a
47 nF capacitor may be used in place of this 56 nF capacitor.
The loop filter layout should be optimized to minimize coupling between the loop filters of different devices and
also to avoid noise pick up from other signals. The external loop filter capacitor should be connected as close to
the device pins as possible and with maximum isolation from other signals.
It is important to keep multiple reclockers as isolated from one another as possible to avoid any interaction
between the loop filters or other sensitive circuits.
The following guidelines are recommended for the loop filter layout:
•
Keep the loop filter traces as short as possible; place the loop filter capacitor parallel to the device to allow for
the shortest trace interconnect.
•
Avoid using vias between the loop filter pins and the external loop filter capacitor.
•
Remove the ground plane underneath the LF1 and LF2 pins and also in the area underneath the loop filter
capacitor to increase isolation.
•
Avoid running traces under the loop filter area as much as possible to increase isolation.
•
When using multiple devices, place the devices as far apart from one another as possible. Avoid placing the
loop filter pins of different devices next to each other.
Interfacing to 3.3V SPI
The LMH0366 may be controlled via optional SPI register access. The LMH0366 SPI pins support 2.5V
LVCMOS logic levels and are compliant with JEDEC JESD8-5. Care must be taken when interfacing the SPI pins
to other voltage levels.
The 2.5V LMH0366 SPI pins may be interfaced to a 3.3V compliant SPI host by using a voltage divider or level
translator. One implementation is a simple resistive voltage divider as shown in Figure 12.
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com