Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 1 Page - Texas Instruments

  LMH0366 Datasheet HTML 1Page - Texas Instruments LMH0366 Datasheet HTML 2Page - Texas Instruments LMH0366 Datasheet HTML 3Page - Texas Instruments LMH0366 Datasheet HTML 4Page - Texas Instruments LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LMH0366
Reclocker
LMH030x
Cable Driver
LMH0394
Cable Equalizer
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
Check for Samples: LMH0366
1
FEATURES
DESCRIPTION
The LMH0366 3 Gbps HD/SD SDI Low Power
2
•
SMPTE ST 424, SMPTE ST 292, and SMPTE ST
Reclocker with Integrated Eye Monitor retimes serial
259-C Compliant
digital video data conforming to the SMPTE ST 424,
•
Supports 125 Mbps, 270 Mbps, 1.4835 Gbps,
SMPTE ST 292, and SMPTE ST 259-C standards.
1.485 Gbps, 2.967 Gbps, and 2.97 Gbps Serial
The reclocker operates at serial data rates of 125
Data Rate Operation
Mbps, 270 Mbps, 1.4835 Gbps, 1.485 Gbps, 2.967
Gbps, and 2.97 Gbps.
•
Supports DVB-ASI at 270 Mbps and MADI at
125 Mbps
The LMH0366 automatically detects the incoming
•
100 mW Typical Power Consumption (145 mW
data
rate
and
retimes
the
data
to
suppress
accumulated jitter. The reclocker recovers the serial
with Both Output Drivers Enabled)
data-rate clock and optionally provides it as an
•
Input Equalization (0-60” FR4) and Input Signal
output.
Detection
The LMH0366 input has an FR4 equalizer capable of
•
Two Differential, Reclocked Outputs with
equalizing 0-60” of FR4 trace length, and also
Option of Recovered Clock
includes
signal
detection
with
a
programmable
•
Output De-Emphasis to Compensate for up to
threshold.
40” of FR4 Trace Losses
The LMH0366 has two differential serial data outputs
•
64 x 64 Point Eye Opening Monitor
and offers flexibility in selecting the output signals
•
27 MHz External Reference or Referenceless
between the reclocked data, recovered clock, or
Operation
bypassed
data.
The
output
drivers
offer
programmable de-emphasis for up to 40” of FR4
•
Internally Terminated 100
Ω Input with Rail-to-
trace losses, in addition to programmable common
Rail Input Common Mode Voltage
mode voltage and swing for flexible interfacing.
•
Internally Terminated 100
Ω LVDS Outputs with
The LMH0366 provides a 64 x 64 point eye monitor
Programmable Output Common Mode Voltage
for analyzing the eye quality of the incoming signal.
and Swing
The LMH0366 supports two modes of operation. In
•
Single 2.5V Supply Operation
pin mode, the LMH0366 operates with control pins to
•
Power Save Mode with Device Power Down
set its operating state. In SPI mode, an optional SPI
Control
serial interface can be used to configure and monitor
•
Industrial Temperature Range: -40°C to +85°C
multiple
LMH0366
devices
in
a
daisy-chain
configuration.
APPLICATIONS
•
SMPTE ST 424, SMPTE ST 292, and ST SMPTE
259 Serial Digital Interfaces
•
Broadcast Video Routers, Switchers, and
Distribution Amplifiers
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH0366

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0366 TI1-LMH0366 Datasheet
137Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0366 TI1-LMH0366 Datasheet
908Kb / 38P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0366SQ/NOPB TI1-LMH0366SQ/NOPB Datasheet
908Kb / 38P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0366SQE/NOPB TI1-LMH0366SQE/NOPB Datasheet
908Kb / 38P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0366SQX/NOPB TI1-LMH0366SQX/NOPB Datasheet
908Kb / 38P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
More results

Similar Description - LMH0366

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker
LMH0366 TI1-LMH0366 Datasheet
137Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0318 TI1-LMH0318_15 Datasheet
1Mb / 57P
LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
LMH0366 TI1-LMH0366_13 Datasheet
908Kb / 38P
3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com