Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments LMH0366 Datasheet HTML 11Page - Texas Instruments LMH0366 Datasheet HTML 12Page - Texas Instruments LMH0366 Datasheet HTML 13Page - Texas Instruments LMH0366 Datasheet HTML 14Page - Texas Instruments LMH0366 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Output Mute
The output mute places the SDO0 and SDO1 outputs into the muted state. When muted, the outputs will be
forced to a logic 0. The output mute has precedence over the bypass mode. See Table 2.
In pin mode, the output mute is controlled by the active-low MUTE pin. The MUTE pin has an internal pullup to
enable the outputs by default.
In SPI mode, the output mute is controlled by register 0x12 bit 1 (MUTE), as long as manual output selection is
not enabled (i.e. as long as register 0x09 bit 5, PIN_MODE_OV, remains cleared). The muted state of the output
drivers can be changed via register 0x14 bit 7 (MUTE_STATE) so that, when muted, the outputs are forced to a
logic 1 instead of a logic 0.
Bypass Mode
The bypass mode forces the reclocker to output the serial data without reclocking it. In bypass mode, bypassed
(non-reclocked) data will be present on both the SDO0 and SDO1 outputs (unless SDO1 is configured for the
serial clock, in which case the SDO1 output will be muted). When not in bypass mode, the reclocker will still
automatically bypass the reclocking function when the detected data rate is a rate which the device does not
support. Note that when the bypass mode is active, lock detect will not assert. See Table 2.
In pin mode, the bypass mode is controlled by the active-high BYPASS pin. The BYPASS pin has an internal
pulldown to disable reclocker bypassing by default.
In SPI mode, the bypass mode is controlled by register 0x12 bit 2 (BYPASS). Note that the eye opening monitor
is not operational while the bypass mode is enabled.
Serial Clock Output Enable (SCO_EN)
The serial clock output enable (SCO_EN) controls whether the SDO1 output is the serial clock or data. When
SCO_EN is asserted, the SDO1 output will be the recovered serial clock. If the SDO1 output is configured for the
serial clock and either bypass mode is activated or the PLL lock is lost, then the SDO1 output will be muted. See
Table 2.
In pin mode, this function is controlled by the active-high SCO_EN pin. The SCO_EN pin has an internal
pulldown to configure the SDO1 output as serial data by default.
In SPI mode, this function is controlled by register 0x12 bit 0 (SCO_EN), as long as manual output selection is
not enabled (i.e. as long as register 0x09 bit 5, PIN_MODE_OV, remains cleared).
Table 2. SDO0 and SDO1 Output Configuration Based on MUTE, BYPASS, SCO_EN and LOCK DETECT
MUTE
BYPASS
SCO_EN
LOCK DETECT
SDO0 Output
SDO1 Output
0
X
X
X
Muted
Muted
1
1
0
0
Bypassed data
Bypassed data
1
1
1
0
Bypassed data
Muted
1
0
0
0
Bypassed data
Bypassed data
1
0
1
0
Bypassed data
Muted
1
0
0
1
Reclocked data
Reclocked data
1
0
1
1
Reclocked data
Recovered clock
Manual Output Selection
In pin mode and in SPI mode with default register settings, the SDO0 and SDO1 outputs are configured by the
BYPASS, MUTE, and SCO_EN functions according to Table 2. (In pin mode, these functions are controlled by
the BYPASS, MUTE, and SCO_EN pins, and in SPI mode, these functions are controlled by register 0x12 bits
2:0.)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com