Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments LMH0366 Datasheet HTML 11Page - Texas Instruments LMH0366 Datasheet HTML 12Page - Texas Instruments LMH0366 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Functional Description
The LMH0366 is a multi-rate reclocker for serial digital video data and operates at 125 Mbps, 270 Mbps, 1.4835
Gbps, 1.485 Gbps, 2.967 Gbps, and 2.97 Gbps. The LMH0366 recovers the serial clock and retimes the serial
data stream to suppress accumulated jitter.
Modes of Operation
The LMH0366 has two modes of operation: pin mode (SPI_EN = 0) and SPI mode (SPI_EN = 1).
In pin mode, the LMH0366 functions are controlled by control pins only.
SPI mode allows access to SPI registers for controlling all LMH0366 features, including additional features such
as:
•
Eye opening monitor
•
Output driver amplitude, common mode voltage, and de-emphasis controls
•
Input signal detection
•
More control over which signals are sent to the output drivers
•
Full details of the locked data rate
•
Ability to distinguish between 1.4835 and 1.485 Gbps, and between 2.967 and 2.97 Gbps (in external
reference mode)
•
Ability to configure device pins as GPIOs
•
Ability to power down unused features for power savings
The LMH0366 SPI protocol is described in the SPI Register Access section.
Four device pins are dual mode and change functionality depending on whether the device is in pin mode or SPI
mode, as indicated in Table 1.
Table 1. Pin Mode vs. SPI Mode Pin Changes
Pin
Pin Mode (SPI_EN = 0)
SPI Mode (SPI_EN = 1)
5
BYPASS
MOSI
6
MUTE
SCK
19
SCO_EN
SS
20
VEE
MISO
SPI mode provides the ability to configure two device pins as general purpose input/output (GPIO) pins. With
default register settings, pins 24 and 1 operate as RATE0 and RATE1. In SPI mode, these pins can be
configured as GPIOs (GPIO0 and GPIO1 respectively), but they do not explicitly change function to GPIOs upon
entering SPI mode by setting SPI_EN high. These pins will continue to operate as RATE0 and RATE1 until they
are optionally configured differently via SPI register writes. Once changed, these pins will continue to operate as
GPIOs even after reentering pin mode by setting SPI_EN low.
Serial Data Input
The LMH0366 input has a 100
Ω differential internal termination and supports a rail-to-rail input common mode
voltage for versatility in DC input coupling. It is intended to be DC coupled to devices such as the LMH0394
adaptive cable equalizer.
The input is equalized and includes signal detection with a programmable threshold, accessible via the SPI.
Input FR4 Equalization
The input includes an FR4 equalizer capable of equalizing up to 60” of FR4 trace.
The FR4 equalizer can be optimized for long trace lengths via the SPI. For input FR4 trace lengths longer than
40”, it is recommended to set register 0x11 bit 1 (EQ_BOOST_60) to enable additional equalizer boost in order
to compensate for the longer trace length.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com