Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0366 Datasheet HTML 1Page - Texas Instruments LMH0366 Datasheet HTML 2Page - Texas Instruments LMH0366 Datasheet HTML 3Page - Texas Instruments LMH0366 Datasheet HTML 4Page - Texas Instruments LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS – PIN MODE (NON-SPI) / SPI_EN = GND (continued)
Pin
Name
I/O, Type
Description
19
SCO_EN
I, LVCMOS
Serial clock output enable for SDO1. This pin has an internal pulldown.
H = SDO1 output is serial clock.
L = SDO1 output is serial data.
22, 23
LF1, LF2
I, Analog
Loop filter. Connect a 56 nF capacitor between LF1 and LF2.
15
VCC
Power
Positive power supply (2.5V).
DAP, 9, 12,
VEE
Ground
Negative power supply (ground).
20, 21
PIN DESCRIPTIONS – SPI MODE / SPI_EN = VCC
Pin
Name
I/O, Type
Description
1, 24
GPIO1, GPIO0
I/O, LVCMOS
General purpose input/output pins, selectable via the SPI. Pins 24 and 1 will operate as
RATE0 and RATE1 inputs (the same as while in pin mode), with internal pulldowns,
unless configured differently via the SPI.
2, 3
SDI, SDI
I, SDI
Serial data differential input.
4
ENABLE
I, LVCMOS
Device enable. This pin has an internal pullup.
H = Device enabled (normal operation).
L = Device powered down.
5
MOSI (SPI)
I, LVCMOS
SPI master output / slave input. LMH0366 data receive. This pin has an internal pullup.
6
SCK (SPI)
I, LVCMOS
SPI serial clock input.
7
SPI_EN
I, LVCMOS
SPI register access enable. This pin has an internal pulldown.
H = SPI register access mode.
L = Pin mode.
8
XTAL_IN
I, ANALOG
External crystal or clock input for optional 27 MHz external reference. When not used
(i.e. referenceless mode), connect to ground.
10
XTAL_OUT
O, ANALOG
External crystal or clock output.
11
LOCK_DETECT O, LVCMOS
PLL lock detect status.
H = PLL locked.
L = PLL not locked.
13, 14
SDO1, SDO1
O, LVDS
Serial data differential output 1.
16, 17
SDO0, SDO0
O, LVDS
Serial data differential output 0.
18
SD/HD
O, LVCMOS
Data rate range indication.
H = Locked data rate is SD.
L = Locked data rate is 3G or HD (or PLL unlocked).
19
SS (SPI)
I, LVCMOS
SPI slave select. This pin has an internal pullup.
20
MISO (SPI)
O, LVCMOS
SPI master input / slave output. LMH0366 data transmit.
22, 23
LF1, LF2
I, Analog
Loop filter. Connect a 56 nF capacitor between LF1 and LF2.
15
VCC
Power
Positive power supply (2.5V).
DAP, 9, 12, 21 VEE
Ground
Negative power supply (ground).
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com