Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 2Page - Texas Instruments LMH0366 Datasheet HTML 3Page - Texas Instruments LMH0366 Datasheet HTML 4Page - Texas Instruments LMH0366 Datasheet HTML 5Page - Texas Instruments LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics (continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1)(2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
ICC
Supply Current
Normal operation, two output
58
75
mA
drivers
Normal operation, one output
driver and low power settings
40
55
mA
(5)
Device disabled
7
14
mA
(ENABLE = 0)
(5)
Low power mode with one output driver is achieved by powering down the second output driver, setting the amplitude of the active
output driver to the lowest setting, disabling input signal detection, and disabling signal detection and equalization for input channels not
present on the LMH0366. This can be configured with the following SPI register settings: write “1” to register 0x20 bit 7
(SIG_DET_PRESET) to force the reclocker to assume an input signal is present (so input signal detection can be turned off), write “1” to
register 0x11 bit 3 (SDO1_PD) to power down the SDO1 output driver, write “00” to register 0x12 bits 7:6 (SDO0_VOD) to set the SDO0
VOD to 400 mVP-P, and write “11111110” (0xFE) to register 0x15 to power down the input signal detection as well as power down the
signal detection and the equalization for input channels not present on the LMH0366.
AC Electrical Characteristics
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRSDI
Serial Input Data Rate
MADI
SDI
125
Mbps
(for reclocking)
SMPTE ST 259-C, DVB-ASI
270
Mbps
SMPTE ST 292
1483.5,
Mbps
1485
SMPTE ST 424
2967,
Mbps
2970
TOLJIT
Serial Input Jitter Tolerance
(3) (4) (5)>
UIP-P
6
(3) (4) (6)
>0.6
UIP-P
tJIT
Serial Data Output Intrinsic Jitter
270 Mbps (3)
SDO0, SDO1
0.01
0.02
UIP-P
1483.5 or 1485 Mbps
0.02
0.05
UIP-P
(3)
2967 or 2970 Mbps
0.04
0.1
UIP-P
(3)
BWLOOP Loop Bandwidth
270 Mbps,
220
kHz
<0.1dB Peaking
1485 Mbps,
0.9
MHz
<0.1dB Peaking
2970 Mbps,
1.7
MHz
<0.1dB Peaking
FCO
Serial Clock Output Frequency
125 Mbps data rate
SDO1
125
MHz
270 Mbps data rate
270
MHz
1483.5 Mbps data rate
1483.5
MHz
1485 Mbps data rate
1485
MHz
2967 Mbps data rate
2967
MHz
2970 Mbps data rate
2970
MHz
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VCC = +2.5V, TA = +25°C, and at the Recommended Operating Conditions at
the time of product characterization and are not ensured.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars.
(5)
Refer to “A1” in Figure 1 of SMPTE RP 184-1996.
(6)
Refer to “A2” in Figure 1 of SMPTE RP 184-1996.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com