Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 6Page - Texas Instruments LMH0366 Datasheet HTML 7Page - Texas Instruments LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments LMH0366 Datasheet HTML 11Page - Texas Instruments LMH0366 Datasheet HTML 12Page - Texas Instruments LMH0366 Datasheet HTML 13Page - Texas Instruments LMH0366 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
The signal that goes to the eye opening monitor and also to the bypassed data for the SDO1 output can either
be equalized or it can bypass the FR4 equalizer (see Block Diagram). By default, this signal is equalized, but
register 0x14 bit 1 (MUX2_EQ_SEL) selects between non-equalized or equalized data (before or after the FR4
equalizer) for this signal.
Input Signal Detection
The input includes a signal detect circuit accessible via the SPI. The status of the input signal detection is
indicated either by register 0x01 bit 0 (SIG_DET) or register 0x03 bit 4 (SIG_DET).
The signal detection threshold is adjustable via register 0x20 bits 5:3 (SIG_DET_LVL).
The signal detection status can optionally be indicated via the GPIO pins (see the General Purpose Input/Output
Pins (GPIO[3:0]) section).
Serial Data Output
The LMH0366 provides two internally terminated 100
Ω LVDS outputs: SDO0 and SDO1.
The SDO0 output provides either serial reclocked data or bypassed data. The SDO1 output provides either serial
reclocked data, the recovered serial clock, or bypassed data.
The LMH0366 output should be DC coupled to the input of the receiving device where possible. 100
Ω
transmission lines should be used to connect between the LMH0366 outputs and the input of the receiving
device. The LMH0366 output should not be DC coupled to CML inputs. If there are strong pullup resistors (e.g.
50
Ω) at the receiving device, AC coupling should be used.
The output driver swing (amplitude), offset voltage (common mode voltage), and de-emphasis level are
adjustable via the SPI. In addition, SPI register access allows the signal polarity of the output drivers to be
inverted and the output drivers to be independently powered down.
Output Swing (VOD)
The default peak-to-peak differential output voltage is 800 mVP-P. The output swing is individually adjustable for
the two output drivers via register 0x12 bits 7:6 (SDO0_VOD) and bits 5:4 (SDO1_VOD). The output swing may
be selected between 400 mVP-P, 530 mVP-P, 670 mVP-P, and 800 mVP-P.
Offset Voltage (VOS)
The default offset voltage is 1.2V. The offset voltage is adjustable via register 0x11 bits 7:6 (SDO_VOS). The
offset voltage may be selected between 0.8V, 1.0V, and 1.2V. This setting applies to both the SDO0 and SDO1
output drivers.
Output De-Emphasis
Output de-emphasis compensates for board trace losses. The output driver de-emphasis is turned off (0 dB) by
default. The output de-emphasis is individually adjustable for the two output drivers via register 0x13 bits 7:6
(SDO0_DEM) and bits 5:4 (SDO1_DEM). The output de-emphasis may be selected between 0 dB (no-de-
emphasis, for driving up to 10” FR4), 3 dB (for driving 10-20” FR4), 5 dB (for driving 20-30” FR4), and 7 dB (for
driving 30-40” FR4).
Output Polarity Inversion
The output polarity of both output drivers can be inverted via register 0x11 bit 0 (SDO_INV). This may be useful
to preserve the proper signal polarity for polarity sensitive applications (e.g. DVB-ASI) in which the polarity of the
reclocker’s input or output signal needs to be swapped for layout reasons.
Output Power Down
The output drivers may be individually powered down via register 0x11 bit 4 (SDO0_PD) and bit 3 (SDO1_PD).
Lock Detect
The lock detect indicates when the reclocker is locked to the incoming data stream. The lock detection status can
be monitored by the active-high LOCK_DETECT pin, or by reading register 0x01 bit 4 (LOCK_DET). Note that
when the bypass mode is active, lock detect will not assert. See Table 2.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com