Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0366 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 8Page - Texas Instruments LMH0366 Datasheet HTML 9Page - Texas Instruments LMH0366 Datasheet HTML 10Page - Texas Instruments LMH0366 Datasheet HTML 11Page - Texas Instruments LMH0366 Datasheet HTML 12Page - Texas Instruments LMH0366 Datasheet HTML 13Page - Texas Instruments LMH0366 Datasheet HTML 14Page - Texas Instruments LMH0366 Datasheet HTML 15Page - Texas Instruments LMH0366 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
SPI register access allows the SDO0 and SDO1 outputs to be manually selected instead of using the BYPASS,
MUTE, and SCO_EN functions. Upon entering SPI mode, the SDO0 and SDO1 outputs will be configured by
register 0x12 bits 2:0 (BYPASS, MUTE, and SCO_EN). Register 0x09 bit 5 (PIN_MODE_OV) can be used to
override this control and choose manual SDO0 and SDO1 output selection. Once this override bit is set, then
register 0x1E bits 6:5 (SDO0_SEL) select the output for SDO0 according to Table 3, and register 0x1E bits 4:3
(SDO1_SEL) select the output for SDO1 according to Table 4. Note that register 0x09 bit 5 (PIN_MODE_OV)
overrides the use of register 0x12 bits 1:0 (MUTE and SCO_EN), but register 0x12 bit 2 (BYPASS), will still
operate and can be used to bypass reclocking for both outputs.
Table 3. SDO0 Manual Output Selection (via Register 0x1E bits 6:5)
SDO0_SEL[1:0]
SDO0 Output
Lock Detect = 1
Lock Detect = 0
00
Reclocked data
Bypassed data
01
Bypassed data
Bypassed data
10
Muted
Muted
11
Reclocked data
Bypassed data
Table 4. SDO1 Manual Output Selection (via Register 0x1E bits 4:3)
SDO1_SEL[1:0]
SDO1 Output
Lock Detect = 1
Lock Detect = 0
00
Recovered clock
Muted
01
Reclocked data
Bypassed data
10
Muted
Muted
11
Bypassed data
Bypassed data
Data Rate Selection
The LMH0366 can be configured for automatic or manual rate selection, which is controlled either by the RATE0
and RATE1 pins or through SPI register access. With default register settings, the RATE0 and RATE1 pins
select the allowable rates at which the reclocker will lock, as shown in Table 5. The RATE0 and RATE1 pins
have internal pulldowns to select auto-rate detect by default.
Table 5. Data Rate Selection
RATE1
RATE0
Selected Rate or Mode
0
0
Auto-rate detect – video rates (270, 1483.5, 1485, 2967, 2970 Mbps)
0
1
270 Mbps
1
0
1483.5/1485 Mbps, 2967/2970 Mbps
1
1
125 Mbps
Upon entering SPI mode, the RATE pins will continue to select the allowable rates at which the reclocker will
lock. Setting register 0x1D bit 0 (RATE_SEL_OV) overrides this selection and allows the rate selection to be
controlled by register 0x1C bits 1:0 (RATE_SEL) instead of the RATE pins. (This frees up the RATE0 and
RATE1 pins to be used as GPIOs since they are no longer needed for rate selection.)
External Clock Reference or Referenceless Mode
The LMH0366 can operate with an external 27 MHz crystal or external clock signal as a timing reference input
(external reference mode), or it can operate with no reference at all (referenceless mode). Providing an external
27 MHz reference allows the LMH0366 to distinguish between 2.97 Gbps and 2.97/1.001 Gbps, and between
1.485 Gbps and 1.485/1.001 Gbps. This reference could be a 27 MHz parallel resonant crystal and load network
connected to the XTAL_IN and XTAL_OUT pins, or a 27 MHz 2.5V LVCMOS compatible clock signal connected
to XTAL_IN. The LMH0366 will automatically detect the 27 MHz reference clock and indicate its presence via
register 0x41 bit 3 (REF_CLK_DET).
When using the LMH0366 in referenceless mode (i.e. no external 27 MHz crystal or reference clock applied), the
XTAL_IN pin must be connected to ground (VEE).
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com