Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1044C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Detailed Description
The MAX1044/ICL7660 are charge-pump voltage
converters. They work by first accumulating charge in
a bucket capacitor and then transfer it into a reservoir
capacitor. The ideal voltage inverter circuit in Figure 2
illustrates this operation.
During the first half of each cycle, switches S1 & S3
close and switches S2 & S4 open, which connects the
bucket capacitor C1 across V+ and charges C1. During the
second half of each cycle, switches S2 & S4 close and
switches S1 & S3 open, which connects the positive
terminal of C1 to ground and shifts the negative terminal
to VOUT. This connects C1 in parallel with the reservoir
capacitor C2. If the voltage across C2 is smaller than the
voltage across C1, then charge flows from C1 to C2 until the
voltages across them are equal. During successive cycles,
C1 will continue pouring charge into C2 until the voltage
across C2 reaches - (V+). In an actual voltage inverter, the
output is less than - (V+) since the switches S1–S4 have
resistance and the load drains charge from C2.
Additional qualities of the MAX1044/ICL7660 can be
understood by using a switched-capacitor circuit model.
Switching the bucket capacitor, C1, between the input and
output of the circuit synthesizes a resistance (Figures 3a
and 3b.)
When the switch in Figure 3a is in the left position,
capacitor C1 charges to V+. When the switch moves
to the right position, C1 is discharged to VOUT. The
charge transferred per cycle is: ΔQ = C1(V+ - VOUT).
If the switch is cycled at frequency f, then the resulting
current is: I = f x ΔQ = f x C1(V+ - VOUT). Rewriting
this equation in Ohm’s law form defines an equivalent
resistance synthesized by the switched-capacitor circuit
where:
(
)
OUT
EQUIV
VV
I
1/ ( f x C1)
and
1
R
f x C1
+−
=
=
Figure 1. Maxim MAX1044/ICL7660 Test Circuit
Pin Description
PIN
NAME
FUNCTION
1
BOOST
(MAX1044)
Frequency Boost. Connecting BOOST to V+ increases the oscillator frequency by a factor of six.
When the oscillator is driven externally, BOOST has no effect and should be left open.
N.C.
(ICL7660)
No Connection
2
CAP+
Connection to positive terminal of Charge-Pump Capacitor
3
GND
Ground. For most applications, the positive terminal of the reservoir capacitor is connected to this pin.
4
CAP-
Connection to negative terminal of Charge-Pump Capacitor
5
VOUT
Negative Voltage Output. For most applications, the negative terminal of the reservoir capacitor is
connected to this pin.
6
LV
Low-Voltage Operation. Connect to ground for supply voltages below 3.5V.
ICL7660: Leave open for supply voltages above 5V.
7
OSC
Oscillator Control Input. Connecting an external capacitor reduces the oscillator frequency. Minimize stray
capacitance at this pin.
8
V+
Power-Supply Positive Voltage Input. (1.5V to 10V). V+ is also the substrate connection.
MAX1044
ICL7660
BOOST
CAP+
GND
CBYPASS
= 0.1µF
V+
RL
CAP-
V+
OSC
C1
10µF
LV
VOUT
C2
10µF
COSC
EXTERNAL
OSCILLATOR
VOUT
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com