Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Positive Voltage Doubler
Figure 9 illustrates the recommended voltage doubler
circuit for the MAX1044/ICL7660. To reduce the volt-
age drops contributed by the diodes (VD), use Schottky
diodes. For true voltage doubling or higher output cur-
rents, use the MAX660.
Voltage Divider
The voltage divider shown in Figure 10 splits the power
supply in half. A third capacitor can be added between V+
and VOUT.
Combined Positive Multiplication and
Negative Voltage Conversion
Figure 11 illustrates this dual-function circuit. Capacitors
C1 and C3 perform the bucket and reservoir functions for
generating the negative voltage. Capacitors C2 and C4
are the bucket and reservoir capacitors for the doubled
positive voltage. This circuit has higher output imped-
ances resulting from the use of a common charge-pump
driver.
Cascading Devices
Larger negative multiples of the supply voltage can
be obtained by cascading MAX1044/ICL7660 devices
(Figure 12). The output voltage is nominally VOUT =
-n(V+) where n is the number of devices cascaded. The
output voltage is reduced slightly by the output resistance
of the first device, multiplied by the quiescent current
of the second, etc. Three or more devices can be cas-
caded in this way, but output impedance rises dramati-
cally. For example, the output resistance of two cascaded
MAX1044s is approximately five times the output resis-
tance of a single voltage converter. A better solution may
be an inductive switching regulator, such as the MAX755,
MAX759, MAX764, or MAX774.
Figure 10. Voltage Divider
Figure 12. Cascading MAX1044/ICL7660 for Increased Output Voltage
Figure 11. Combined Positive and Negative Converter
MAX1044
ICL7660
+
4
3
2
1
5
6
7
8
C2
10µF
C1
10µF
V+
VOUT = V+
1
2
LV
MAX1044
ICL7660
+
4
3
2
1
5
6
7
8
MAX1044
ICL7660
4
3
2
1
5
6
7
8
10µF
10µF
10µF
10µF
V+
10µF
10µF
VOUT = -n(V+)
MAX1044
ICL7660
4
3
2
1
5
6
7
8
1
2
3
+
+
MAX1044
ICL7660
+
4
3
VOUT = 2(V+) - 2VD
2
1
5
6
7
8
C4
C1
C2
V+
VOUT = -(V+)
C3
LV
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com