Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1044C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Supply Voltage (V+ to GND, or GND to VOUT)..................10.5V
Input Voltage on Pins 1, 6, and 7.......-0.3V ≤ VIN ≤ (V+ + 0.3V)
LV Input Current ..................................................................20μA
Output Short-Circuit Duration (V+ ≤ 5.5V) ................Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)............727mW
SO (derate 5.88mW/°C above +70°C) ........................471mW
μMAX (derate 4.1mW/°C above +70°C) .....................330mW
CERDIP (derate 8.00mW/°C above +70°C)................640mW
TO-99 (derate 6.67mW/°C above +70°C) ...................533mW
Operating Temperature Ranges
MAX1044C_ _ /ICL7660C_ _.............................0°C to +70°C
MAX1044E_ _ /ICL7660E_ _ ......................... -40°C to +85°C
MAX1044M_ _ /ICL7660M_ _...................... -55°C to +125°C
Storage Temperature Range........................... -65°C to + 150°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Circuit of Figure 1, V+ = 5.0V, LV pin = 0V, BOOST pin = open, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: The Maxim ICL7660 and MAX1044 can operate without an external output diode over the full temperature and voltage
ranges. The Maxim ICL7660 can also be used with an external output diode in series with pin 5 (cathode at VOUT) when
replacing the Intersil ICL7660. Tests are performed without diode in circuit.
Note 2: fOSC is tested with COSC = 100pF to minimize the effects of test fixture capacitance loading. The 1pF frequency is
correlated to this 100pF test point, and is intended to simulate pin 7’s capacitance when the device is plugged into a
test socket with no external capacitor. For this test, the LV pin is connected to GND for comparison to the original
manufacturer’s device, which automatically connects this pin to GND for (V+ > 3V).
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
PARAMETER
CONDITIONS
MAX1044
ICL7660
UNITS
MIN TYP MAX MIN TYP MAX
Supply Current
RL = ∞,
pins 1 and 7
no connection,
LV open
TA = +25°C
30
200
80
175
µA
TA = 0°C to +70°C
200
225
TA = -40°C to +85°C
200
250
TA = -55°C to +125°C
200
250
RL = ∞, pins 1 and 7 = V+ = 3V
10
Supply Voltage
Range (Note 1)
RL = 10kΩ, LV open
3.0
10.0
V
RL = 10kΩ, LV to GND
1.5
10
1.5
3.5
Output Resistance
IL = 20mA,
fOSC = 5kHz,
LV open
TA = +25°C
65
100
55
100
Ω
TA = 0°C to +70°C
130
120
TA = -40°C to +85°C
130
140
TA = -55°C to +125°C
150
150
fOSC = 2.7kHz (ICL7660),
fOSC = 1kHz (MAX1044),
V+ = 2V, IL = 3mA,
LV to GND
TA = +25°C
325
250
TA = 0°C to +70°C
325
300
TA = -40°C to +85°C
325
300
TA = -55°C to +125°C
400
400
Oscillator Frequency
COSC = 1pF,
LV to GND (Note 2)
V+ = 5V
5
10
kHz
V+ = 2V
1
Power Efficiency
RL = 5kΩ, TA = +25°C, fOSC 5kHz, LV open
95
98
95
98
%
Voltage Conversion Efficiency RL = ∞, TA = +25°C, LV open
97.0 99.9
99.0 99.9
%
Oscillator Sink or
Source Current
VOSC = 0V or V+,
LV open
Pin 1 = 0V
3
µA
Pin 1 = V+
20
Oscillator Impedance
TA = +25°C
V+ = 2V
1.0
1.0
MΩ
V+ = 5V
100
100
kΩ
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com