Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Chip Topographies
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
GND
CAP+
BOOST
0.076"
(1.930mm)
0.076"
(1.930mm)
CAP-
VOUT
V+
OSC
LV
TRANSISTOR COUNT: 72
SUBSTRATE CONNECTED TO V+
MAX1044
GND
CAP-
LV
VOUT
TRANSISTOR COUNT: 71
SUBSTRATE CONNECTED TO V+
CAP+
0.084"
(2.1mm)
0.060"
(1.5mm)
V+
OSC
ICL7660
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 TDFN-EP
T633-2
21-0036
90-0058
8 Plastic DIP
P8+1
21-0043
—
8 SOIC
S8+2
21-0041
90-0096
8 CERDIP
J8+2
21-0045
—
8 µMAX
U8+1
21-0036
90-0092
8 TO-99
T99-8
21-0022
—
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com