Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1044C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Inrush Current and EMI Considerations
During start-up, pump capacitors C1 and C2 must be
charged. Consequently, the MAX1044/ICL7660 develop
inrush currents during start-up. While operating, short
bursts of current are drawn from the supply to C1, and
then from C1 to C2 to replenish the charge drawn by the
load during each charge-pump cycle. If the voltage con-
verters are being powered by a high-impedance source,
the supply voltage may drop too low during the current
bursts for them to function properly. Furthermore, if the
supply or ground impedance is too high, or if the traces
between the converter IC and charge-pump capacitors
are long or have large loops, switching noise and EMI
may be generated. To reduce these effects:
1) Power the MAX1044/ICL7600 from a low-impedance
source.
2) Add a power-supply bypass capacitor with low
effective series resistance (ESR) close to the IC
between the V+ and ground pins.
3) Shorten traces between the IC and the charge-pump
capacitors.
4) Arrange the components to keep the ground pins of
the capacitors and the IC as close as possible.
5) Leave extra copper on the board around the voltage
converter as power and ground planes. This is easily
done on a double-sided PC board.
Efficiency, Output Ripple,
and Output Impedance
The power efficiency of a switched-capacitor voltage
converter is affected by the internal losses in the con-
verter IC, resistive losses of the pump capacitors, and
conversion losses during charge transfer between the
capacitors. The total power loss is:
Σ PLOSS = P
+
INTERNAL
LOSSES
PSWITCH
LOSSES
+
+
PPUMP
CAPACITOR
LOSSES
PCONVERSION
LOSSES
The internal losses are associated with the IC’s internal
functions such as driving the switches, oscillator, etc.
These losses are affected by operating conditions such as
input voltage, temperature, frequency, and connections to
the LV, BOOST, and OSC pins.
The next two losses are associated with the output resis-
tance of the voltage converter circuit. Switch losses occur
because of the on-resistances of the MOSFET switches
in the IC. Charge-pump capacitor losses occur because
of their ESR. The relationship between these losses and
the output resistance is as follows:
P
+
PUMP
CAPACITOR
LOSSES
PSWITCH
LOSSES
= IOUT2 x ROUT
where:
(
)
OUT
OSC
SWITCHES
SRC1
SRC2
1
R
f
/ 2 x C1
4( 2R
E
) E
≅+
++
and fOSC is the oscillator frequency.
The first term is the effective resistance from the switched-
capacitor circuit.
Conversion losses occur during the transfer of charge
between capacitors C1 and C2 when there is a voltage
difference between them. The power loss is:
(
)
(
)
22
OUT
CONV.LOSS
OSC
2
RIPPLE
RIPPLE
OUT
1 C1 (V ) V
2
P
f
/2
1 C2 V
2V
V
2
+−
+
≅×
−
Figure 7. External Clocking
MAX1044
ICL7660
+
4
3
10µF
VOUT = -(V+)
10µF
V+
V+
CMOS or
TTL GATE
10kΩ
REQUIRED
FOR TTL
2
1
5
6
7
8
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com