Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1044C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
(V+ = 5V; CBYPASS = 0.1μF; C1 = C2 = 10μF; LV = open; OSC = open; TA = +25°C; unless otherwise noted.)
Typical Operating Characteristics
OUTPUT VOLTAGE AND OUTPUT RIPPLE
vs. LOAD CURRENT
LOAD CURRENT (mA)
9
8
7
6
5
4
3
2
1
-0.5
-1.0
-1.5
-2.0
0
100
50
200
150
300
250
400
350
0
0
10
OUTPUT
VOLTAGE
V+ = 2V
LV = GND
OUTPUT RIPPLE
A: MAX1044 WITH
BOOST = V+
B: ICL7660
C: MAX1044 WITH
BOOST = OPEN
A
B
C
EFFICIENCY AND SUPPLY CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
7 8 9
6
4 5
2 3
1
100
10
9
8
7
6
5
4
3
2
1
0
0
0
10
10
40
50
60
70
80
90
30
20
SUPPLY CURRENT
EFFICIENCY
V+ = 2V
LV = GND
OUTPUT VOLTAGE AND OUTPUT RIPPLE
vs. LOAD CURRENT
LOAD CURRENT (mA)
35
30
20 25
10 15
5
-5.0
800
720
640
560
480
400
320
240
160
80
0
0
0
40
-0.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-1.5
-1.0
OUTPUT VOLTAGE
OUTPUT RIPPLE
V+ = 5V
LV = OPEN
A
A
B
C
B
C
A: MAX1044 WITH
BOOST = V+
B: ICL7660
C: MAX1044 WITH
BOOST = OPEN
EFFICIENCY AND SUPPLY CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
35
30
20 25
10 15
5
100
50
45
40
35
30
25
20
15
10
5
0
0
0
40
10
40
50
60
70
80
90
30
20
V+ = 5V
LV = OPEN
EFFICIENCY
A: MAX1044 WITH
BOOST = V+
B: ICL7660
C: MAX1044 WITH
BOOST = OPEN
SUPPLY CURRENT
B
C
A
OUTPUT VOLTAGE AND OUTPUT RIPPLE
vs. LOAD CURRENT
LOAD CURRENT (mA)
35
30
20 25
10 15
5
-10
700
630
560
490
420
350
280
210
140
70
0
0
0
40
-1
-4
-5
-6
-7
-8
-9
-3
-2
V+ = 10V
LV = OPEN
OUTPUT
RIPPLE
A
B
A: MAX1044 WITH
BOOST = V+
B: ICL7660
C: MAX1044 WITH
BOOST = OPEN
C
B
C
A
OUTPUT
VOLTAGE
EFFICIENCY AND SUPPLY CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
35
30
20
25
10
15
5
100
50
45
40
35
30
25
20
15
10
5
0
0
0
40
10
40
50
60
70
80
90
30
20
V+ = 10V
LV = OPEN
A: MAX1044 WITH
BOOST = V+
B: ICL7660
C: MAX1044 WITH
BOOST = OPEN
SUPPLY CURRENT
B, C
EFFICIENCY
A
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
Maxim Integrated │ 3
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com