Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1044C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX1044 and ICL7660 are monolithic, CMOS
switched-capacitor voltage converters that invert, double,
divide, or multiply a positive input voltage. They are
pin compatible with the industry-standard ICL7660 and
LTC1044. Operation is guaranteed from 1.5V to 10V with
no external diode over the full temperature range. They
deliver 10mA with a 0.5V output drop. The MAX1044 has
a BOOST pin that raises the oscillator frequency above
the audio band and reduces external capacitor size
requirements.
The MAX1044/ICL7660 combine low quiescent current and
high efficiency. Oscillator control circuitry and four power
MOSFET switches are included on-chip. Applications
include generating a -5V supply from a +5V logic supply
to power analog circuitry. For applications requiring more
power, the MAX660 delivers up to 100mA with a voltage
drop of less than 0.65V.
Applications
● -5V Supply from +5V Logic Supply
● Personal Communications Equipment
● Portable Telephones
● Op-Amp Power Supplies
● EIA/TIA-232E and EIA/TIA-562 Power Supplies
● Data-Acquisition Systems
● Hand-Held Instruments
● Panel Meters
Features
● Miniature μMAX Package
● 1.5V to 10.0V Operating Supply Voltage Range
● 98% Typical Power-Conversion Efficiency
● Invert, Double, Divide, or Multiply Input Voltages
● BOOST Pin Increases Switching Frequencies
(MAX1044)
● No-Load Supply Current: 200μA Max at 5V
● No External Diode Required for Higher-Voltage
Operation
19-4667; Rev 2; 2/17
Ordering Information appears at end of data sheet.
NEGATIVE VOLTAGE CONVERTER
CAP+
CAP-
V+
VOUT
GND
INPUT
SUPPLY
VOLTAGE
NEGATIVE
OUTPUT
VOLTAGE
MAX1044
ICL7660
MAX1044
ICL7660
+
4
3
2
1
CAP-
GND
CAP+
(N.C.) BOOST
5
6
7
8
VOUT
LV
OSC
V+
TOP VIEW
( ) ARE FOR ICL7660
DIP/SO/µMAX
TO-99
ICL7660
N.C.
CAP+
GND
CAP-
VOUT
LV
OSC
V+ AND CASE
1
2
3
4
5
6
7
8
Typical Operating Circuit
Pin Configurations
MAX1044/ICL7660
Switched-Capacitor Voltage Converters


Similar Part No. - MAX1044C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1044C/D+ MAXIM-MAX1044C/D+ Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results

Similar Description - MAX1044C/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
111Kb / 8P
CMOS Switched-Capacitor Voltage Converters
REV.A
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Analog Devices
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com