Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1044C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1044C/D
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1044C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1044C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Design Information
The MAX1044/ICL7660 are designed to provide a simple,
compact, low-cost solution where negative or doubled
supply voltages are needed for a few low-power com-
ponents. Figure 5 shows the basic negative voltage
converter circuit. For many applications, only two external
capacitors are needed. The type of capacitor used is not
critical.
Proper Use of the Low-Voltage (LV) Pin
Figure 4 shows an internal voltage regulator inside
the MAX1044/ICL7660. Use the LV pin to bypass this
regulator, in order to improve low-voltage performance
and allow operation down to 1.5V. For low-voltage opera-
tion and compatibility with the industry-standard LTC1044
and ICL7660, the LV pin should be connected to ground
for supply voltages below 3.5V and left open for supply
voltages above 3.5V.
The MAX1044’s LV pin can be grounded for all operat-
ing conditions. The advantage is improved low-voltage
performance and increased oscillator frequency. The
disadvantage is increased quiescent current and reduced
efficiency at higher supply voltages. For Maxim’s ICL7660,
the LV pin must be left open for supply voltages above 5V.
When operating at low supply voltages with LV open,
connections to the LV, BOOST, and OSC pins should
be short or shielded to prevent EMI from causing
oscillator jitter.
where f is one-half the oscillator frequency. This resis-
tance is a major component of the output impedance of
switched-capacitor circuits like the MAX1044/ICL7660.
As shown in Figure 4, the MAX1044/ICL7660 contain
MOSFET switches, the necessary transistor drive cir-
cuitry, and a timing oscillator.
Figure 2. Ideal Voltage Inverter
Figure 3a. Switched Capacitor Model
Figure 4. MAX1044 and ICL7660 Functional Diagram
Figure 3b. Equivalent Circuit
S1
V+
S2
S3
S4
C1
C2
VOUT = -(V+)
V+
C1
f
C2
RLOAD
VOUT
1M
BOOST
pin 1
OSC
pin 7
LV
pin 6
GND
pin 3
CAP-
pin 4
S2
S1
S4
S3
CAP+
pin 2
V+
pin 8
VOUT
pin 5
2
Q
Q
REQUIV =
REQUIV
VOUT
RLOAD
1
V+
f x C1
C2
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com