Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
-40°C
0
1
2
3
4
5
0
10
20
30
40
50
60
70
VOUT (V)
125°C
25°C
V
+
= +5V
V
-
= 0V
-40°C
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
35
VOUT (V)
125°C
25°C
V
+
= +2.5V
V
-
= 0V
-40°C
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
VOUT (V)
125°C
25°C
V
+
= +2.5V
V
-
= 0V
1.5
2.5
3.5
4.5
5.5
0
5
10
15
20
25
30
35
VS (V)
125°C
25°C
-40°C
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
60
70
80
VS (V)
125°C
25°C
-40°C
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
RL = 100 k:
RL = 600:
V
+
= +2.5V
V
-
= -2.5V
VO = 4 VPP
AV = +2
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 31. THD+N vs. Frequency
Figure 32. Sourcing Current vs. Supply Voltage
Figure 33. Sinking Current vs. Supply Voltage
Figure 34. Sourcing Current vs. Output Voltage
Figure 35. Sourcing Current vs. Output Voltage
Figure 36. Sinking Current vs. Output Voltage
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com