Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
-0.3
0
0.3
0.6
0.9
1.2
1.5
VCM (V)
-400
-300
-200
-100
0
100
200
300
400
2.1
1.8
125°C
25°C
-40°C
V
+
= +2.5V
V
-
= 0V
-0.3
0.7
1.7
2.7
3.7
VCM (V)
-400
-300
-200
-100
0
100
200
300
400
4.7
125°C
25°C
-40°C
V
+
= +5V
V
-
= 0V
-0.3
0
0.3
0.6
0.9
1.2
1.5
VCM (V)
-400
-300
-200
-100
0
100
200
300
400
125°C
25°C
-40°C
V
+
= 1.8V
V
- = 0V
-4
-3
-2
-1
TCVOS DISTRIBUTION (2V/GC)
0
5
10
20
25
V
+
= 5.0V
V
-
= 0V
0
15
-4
-3
-2
-1
TCVOS DISTRIBUTION (2V/GC)
0
5
10
20
25
V
+
= 2.5V
V
-
= 0V
0
15
-200
-100
0
100
OFFSET VOLTAGE (2V)
0
5
10
20
25
V
+
= 5.0V
V
-
= 0V
200
15
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 7. Offset Voltage Distribution
Figure 8. TCVOS Distribution
Figure 9. TCVOS Distribution
Figure 10. Offset Voltage vs. VCM
Figure 11. Offset Voltage vs. VCM
Figure 12. Offset Voltage vs. VCM
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com