Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
IN-
IN+
N/C
V
-
VOUT
N/C
V
+
N/C
GUARD
GUARD
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
9 Power Supply Recommendations
For high-sensitivity applications, the power supply rails should be as clean as possible.
Noise on the power supply lines can modulate the tiny capacitance (about 0.5 pF) of the ESD structure on each
input. While this is not a major concern for most applications, charge-sensitive or high-gain, high-impedance
applications can be affected. Common results are power line "hum" or high-frequency switcher "hash" imposed
on the signal.
TI recommends using a very low noise linear regulator and add a dedicated filter network to the LMP7721 power
supply pins consisting of a series resistor of about 100
Ω, and a bypass capacitor of 100 uF or larger. Series
inductors or ferrite beads may be required if high frequency switcher noise is present.
10 Layout
10.1 Layout Guidelines
In order to capitalize on the LMP7721’s ultra-low input bias current, careful circuit layout and assembly are
required. Guarding techniques are highly recommended to reduce parasitic leakage current by isolating the
LMP7721’s input from large voltage gradients across the PC board. A guard is a low-impedance conductor that
surrounds an input line and its potential is raised to the input line’s voltage. The input pins should be fully
guarded as shown in Figure 54. The guard traces should completely encircle the input connections. In addition,
they should be located on both sides of the PCB and be connected together.
To further guard the inputs from the supply pins, the two N/C pins may be connected to the guard trace which
will provide guarding down to the leadframe level.
Solder mask should not cover the input and the guard area including guard traces on either side of the PCB.
Keep switching power supplies and other noise-producing devices away from the input area.
10.2 Layout Example
Figure 54. Layout Example Showing Guard Trace
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com