Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics: 2.5 V (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 2.5 V, V− = 0 V, V
CM = (V
+ + V−)/2.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
In
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
THD+N
Total Harmonic Distortion +
f = 1 kHz, AV = 2, RL = 100 kΩ
0.003%
Noise
VO = 0.9 VPP
f = 1 kHz, AV = 2, RL = 600 Ω
0.003%
VO = 0.9 VPP
6.6 Electrical Characteristics: 5 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = (V
+ + V−)/2.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
–150
±26
150
μV
–40°C
≤ TJ ≤ 125°C
450
450
TC VOS
Input Offset Average Drift
–1.5
–4
μV/°C
(3)
IBIAS
Input Bias Current
VCM = 1 V
(4) (5)
25°C
–20
±3
20
fA
−40°C to 85°C
–900
900
−40°C to 125°C
–5
5
pA
IOS
Input Offset Current
(5)
±6
±40
fA
CMRR
Common-Mode Rejection Ratio
0 V
≤ VCM ≤ 3.7 V
84
100
dB
0 V
≤ VCM ≤ 3.7 V, –40°C ≤ TJ ≤ 125°C
82
PSRR
Power Supply Rejection Ratio
1.8 V
≤ V+ ≤ 5.5 V, V− = 0 V, VCM = 0
84
96
dB
1.8 V
≤ V+ ≤ 5.5 V, V− = 0 V, VCM = 0,
80
–40°C
≤ TJ ≤ 125°C
CMVR
Input Common-Mode Voltage
CMRR
≥ 80 dB
−0.3
4
V
Range
CMRR
≥ 78 dB, –40°C ≤ TJ ≤ 125°C
–0.3
4
AVOL
Large Signal Voltage Gain
VO = 0.3 V to 4.7 V, RL = 2 kΩ to V
+/2
88
111
VO = 0.3 V to 4.7 V, RL = 2 kΩ to V
+/2,
82
–40°C
≤ TJ ≤ 125°C
dB
VO = 0.3 V to 4.7 V, RL = 10 kΩ to V
+/2
92
120
VO = 0.3 V to 4.7 V, RL = 10 kΩ to V
+/2,
88
–40°C
≤ TJ ≤ 125°C
VO
Output Swing High
RL = 2 kΩ to V
+/2
70
30
RL = 2 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
77
mV
from V+
RL = 10 kΩ to V
+/2
60
20
RL = 10 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
66
Output Swing Low
RL = 2 kΩ to V
+/2
31
70
RL = 2 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
73
mV
RL = 10 kΩ to V
+/2
20
60
RL = 10 kΩ to V
+/2, –40°C ≤ T
J ≤ 125°C
62
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
Positive current corresponds to current flowing into the device.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com