Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP7721MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
0
1
2
3
3.5
-20
-15
-10
-5
0
5
VCM (V)
V
+
= 5V
V
-
= 0V
TA = 25°C
1.5
0.5
2.5
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
1 Features
3 Description
The LMP7721 is the industry’s lowest specified input
1
•
Unless Otherwise Noted, Typical Values at TA =
bias current precision amplifier. The ultra-low input
25°C, VS = 5 V.
bias current is 3 fA, with a specified limit of ±20 fA at
•
Input Bias Current (VCM = 1 V)
25°C and ±900 fA at 85°C. This is achieved with the
–
Maximum at 25°C ±20 fA
latest patent-pending technology of input bias current
cancellation amplifier circuitry. This technology also
–
Maximum at 85°C ±900 fA
maintains the ultra-low input bias current over the
•
Offset Voltage ±26 µV
entire input common-mode voltage range of the
•
Offset Voltage Drift
−1.5 μV/°C
amplifier.
•
DC Open-Loop Gain 120 dB
Other outstanding features, such as low voltage noise
•
DC CMRR 100 dB
(6.5
nV/
√Hz),
low
DC-offset
voltage
(±150
µV
maximum
at
25°C)
and
low-offset
voltage
•
Input Voltage Noise (at f = 1 kHz) 6.5 nV/
√Hz
temperature coefficient (
−1.5 µV/°C), improve system
•
THD 0.0007%
sensitivity
and
accuracy
in
high-precision
•
Supply Current 1.3 mA
applications. With a supply voltage range of 1.8 V to
5.5 V, the LMP7721 is the ideal choice for battery-
•
GBW 17 MHz
operated, portable applications. The LMP7721 is part
•
Slew Rate (Falling Edge) 12.76 V/
μs
of the LMP™ precision amplifier family.
•
Supply Voltage 1.8 V to 5.5 V
As part of Texas Instruments' PowerWise™ products,
•
Operating Temperature Range
−40°C to 125°C
the LMP7721 provides the remarkably wide-gain
•
8-Pin SOIC
bandwidth
product
(GBW)
of
17
MHz
while
consuming only 1.3 mA of current. This wide GBW
2 Applications
along with the high open-loop gain of 120 dB enables
accurate
signal
conditioning.
With
these
•
Photodiode Amplifier
specifications, the LMP7721 has the performance to
•
High Impedance Sensor Amplifier
excel in a wide variety of applications such as
•
Ion Chamber Amplifier
electrochemical cell amplifiers and sensor interface
circuits.
•
Electrometer Amplifier
•
pH Electrode Amplifier
The LMP7721 is offered in an 8-pin SOIC package
with a special pinout that isolates the amplifier’s input
•
Transimpedance Amplifier
from the power supply and output pins. With proper
board layout techniques, the unique pinout of the
Ultra-Low Input Bias Current
LMP7721 will prevent PCB leakage current from
reaching the input pins. Thus system error will be
further reduced.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMP7721
SOIC (8)
4.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMP7721MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7721MA/NOPB TI-LMP7721MA/NOPB Datasheet
980Kb / 32P
3-Femtoampere Input Bias Current Precision Amplifier
More results

Similar Description - LMP7721MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
OP297 AD-OP297_03 Datasheet
266Kb / 12P
Dual Low Bias Current Precision Operational Amplifier
7/03-Data Sheet changed from REV. D to REV. E.
AD549 AD-AD549_08 Datasheet
1Mb / 20P
Ultralow Input Bias Current Operational Amplifier
Rev. H
logo
National Semiconductor ...
LMP7721 NSC-LMP7721 Datasheet
600Kb / 16P
3 Femtoampere Input Bias Current Precision Amplifier
logo
Analog Devices
OP297 AD-OP297_15 Datasheet
342Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
LMP7721 TI-LMP7721_15 Datasheet
980Kb / 32P
3-Femtoampere Input Bias Current Precision Amplifier
logo
Analog Devices
ADA4530-1 AD-ADA4530-1 Datasheet
1Mb / 51P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. A
AD549 AD-AD549_17 Datasheet
1Mb / 19P
Ultralow Input Bias Current Operational Amplifier
2/15-Rev. J to Rev. K
logo
Texas Instruments
OPA928 TI-OPA928 Datasheet
1Mb / 24P
OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com