Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
pH ELECTRODE
RF
Vout
100:
V
+
V
-
0.1 µF
0.1 µF
0.1 µF
0.1 µF
TRIAX
RG
-
+
-
+
LMP7721
LMP7715
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
Application Information (continued)
If using "water soluble" or "no clean" flux, a second cleaning step is needed. These fluxes still leave a film behind
that can attract contaminates and dust. The board should be washed with fresh isopropyl alcohol or methanol
and baked to make sure all remaining traces of moisture are removed from the board. Areas between the
component leads should be scrubbed and areas under surface mount devices thoroughly flushed. The board
should be re-cleaned after any rework to components within the guarded areas. Boards should be handled by the
edges and stored in sealed containers with desiccant.
8.2 Typical Application
The following application examples highlight only a few of the circuits where the LMP7721 can be used.
A CMOS input stage with ultra-low input bias current, negligible input current noise, and low input voltage noise
allows the LMP7721 to provide high fidelity amplification. In addition, the LMP7721 has a 17 MHz gain bandwidth
product, which enables high gain at wide bandwidth. A rail-to-rail output swing at 5.5-V power supply allows
detection and amplification of a wide range of input currents. These properties make the LMP7721 ideal for
transimpedance amplification.
Figure 50. LMP7721 as pH Electrode Amplifier
8.2.1 Design Requirements
The output of a pH electrode is typically 59.16 mV per pH unit at 25°C, for an output range of 414 mV to
−414
mV as the pH changes from 0 to 14 at 25°C.
22
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com