Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
V
+ = +2.5V
V
-
= -2.5V
CL = 20 pF
GAIN
PHASE
RL = 100 k:, 10 k:, 10 M:, 600:
0
5
15
20
25
35
40
45
10
30
20
200
CAPACITIVE LOAD (pF)
RL = 600:
RL = 10 M:
RL = 10 k:
VS = 2.5V
1.5
2.5
3.5
4.5
5.5
0
0.4
0.8
1.2
1.6
2
VS (V)
125°C
25°C
-40°C
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
20 pF
50 pF
100 pF
50 pF
100 pF
V
+
= +2.5V
V
-
= -2.5V
RL = 10 M:
1.5
2.5
3.5
4.5
5.5
6
-400
-300
-200
-100
0
100
400
VS (V)
200
300
-40°C
25°C
125°C
-40 -20
0
20
40
60
80 100
125
-200
-150
-100
0
50
100
150
200
TEMPERATURE (°C)
-50
V
+
= +2.5V
V
-
= 0V
V
+
= +5V
V
-
= 0V
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 13. Offset Voltage vs. Supply Voltage
Figure 14. Offset Voltage vs. Temperature
Figure 16. Open-Loop Frequency Response Gain and Phase
Figure 15. Supply Current vs. Supply Voltage
Figure 18. Phase Margin vs. Capacitive Load
Figure 17. Open-Loop Frequency Response Gain and Phase
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com