Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP7721MA/NOPB
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7721MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7721MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
200 ns/DIV
V
+
= +2.5V
V
-
= -2.5V
VIN = 20 mVPP
f = 1 MHz
AV = +1
CL = 10 pF
RL = 1 M:
1s/DIV
V
+
= +2.5V
V
-
= -2.5V
120
10
1k
100k
10M
FREQUENCY (Hz)
0
80
1M
10k
100
100
60
40
20
+PSRR
-PSRR
V
+
= +2.5V
V
-
= -2.5V
0.1
10
1k
100k
FREQUENCY (Hz)
1
10
100
1000
10k
100
1
VS = 5V
VS = 2.7V
0
5
15
20
25
35
40
45
10
30
20
200
CAPACITIVE LOAD (pF)
RL = 600:
RL = 10 M:
RL = 10 k:
VS = 5V
10
1k
1M
FREQUENCY (Hz)
40
60
100
100k
10k
100
90
70
50
80
V
+
= +2.5V
V
-
= -2.5V
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 19. Phase Margin vs. Capacitive Load
Figure 20. CMRR vs. Frequency
Figure 22. Input-Referred Voltage Noise vs. Frequency
Figure 21. PSRR vs. Frequency
Figure 23. Time Domain Voltage Noise
Figure 24. Small Signal Step Response
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com