Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
CENTRAL PROCESSING UNIT
REV 2.0
3-1
SECTION 3
CENTRAL PROCESSING UNIT
The MC68HC05PL4 has an 8k-bytes memory map. The stack has only 64 bytes.
Therefore, the stack pointer has been reduced to only 6 bits and will only
decrement down to $00C0 and then wrap-around to $00FF. All other instructions
and registers behave as described in this chapter.
3.1
REGISTERS
The MCU contains v e registers which are hard-wired within the CPU and are not
part of the memory map. These ve registers are shown in Figure 3-1 and are
described in the following paragraphs.
Figure 3-1. MC68HC05 Programming Model
CONDITION CODE REGISTER
I
ACCUMULATOR
60
A
INDEX REGISTER
71
X
4
52
3
STACK POINTER
SP
14
8
15
9
12
13
10
11
PC
CC
111
11
0
0
0
0
0
0
0
0
PROGRAM COUNTER
H
NZC
HALF-CARRY BIT (FROM BIT 3)
INTERRUPT MASK
NEGATIVE BIT
ZERO BIT
CARRY BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com