Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
INPUT/OUTPUT PORTS
REV 2.0
7-1
SECTION 7
INPUT/OUTPUT PORTS
This section describes the general purpose I/O ports on the MC68HC05PL4 and
MC68HC05PL4B MCUs.
In the MC68HC05PL4, 23 bidirectional I/O lines are available, arranged as one
7-bit I/O port (Port A), one 8-bit I/O port (Port B), and one 8-bit I/O port (Port C).
In the MC68HC05PL4B, 22 bidirectional I/O lines are available, arranged as one
6-bit I/O port (Port A), one 8-bit I/O port (Port B), and one 8-bit I/O port (Port C).
NOTE
To avoid generating a glitch on an I/O port pin, data should be written to the I/O
port data register before writing a “1” (for output) to the corresponding data
direction register.
7.1
PARALLEL PORTS
Port A, B, and C are bidirectional ports. Each port pin is controlled by the
corresponding bits in a data direction register and a data register as shown in
Figure 7-1
. The functions of the I/O pins are summarized in Table 7-1.
Figure 7-1. Port Input/Output Circuitry
I/O PIN
OUTPUT
RESET
(RST)
Read Data
Write Data
Read/Write DDR
Data Direction
Register Bit
Data
Register Bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com