Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
16-BIT PROGRAMMABLE TIMER
MC68HC05PL4
9-4
REV 2.0
9.2
ALTERNATE COUNTER REGISTERS (ACRH, ACRL)
The functional block diagram of the 16-bit free-running timer counter and alternate
counter registers is shown in Figure 9-4. The alternate counter registers behave
the same as the timer registers, except that any reads of the alternate counter will
not have any effect on the TOF ag bit and Timer interrupts. The alternate counter
registers include a transparent buffer latch on the LSB of the 16-bit timer counter.
Figure 9-4. Alternate Counter Block Diagram
The alternate counter registers (ACRH, ACRL) shown in Figure 9-5 are read-only
locations which contain the current high and low bytes of the 16-bit free-running
counter. Writing to the alternate counter registers has no effect. Reset of the
device presets the timer counter to $FFFC.
The ACRL latch is a transparent read of the LSB until the a read of the ACRH
takes place. A read of the ACRH latches the LSB into the ACRL location until the
ACRL is again read. The latched value remains x ed even if multiple reads of the
ACRH take place before the next read of the ACRL. Therefore, when reading the
MSB of the timer at ACRH the LSB of the timer at ACRL must also be read to
complete the read sequence.
During power-on-reset (POR), the counter is initialized to $FFFC and begins
counting after the oscillator start-up delay. Because the counter is sixteen bits and
preceded by a xed divide-by-four prescaler, the value in the counter repeats
every 262,144 internal bus clock cycles (524,288 oscillator cycles).
Reading the ACRH and ACRL in any order or any number of times does not have
any effect on the 16-bit free-running counter or the TOF ag bit.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ACRH
R ACRH7 ACRH6 ACRH5 ACRH4 ACRH3 ACRH2 ACRH1 ACRH0
$001A
W
reset:
11111111
ACRL
R ACRL7
ACRL6
ACRL5
ACRL4
ACRL3
ACRL2
ACRL1
ACRL0
$001B
W
reset:
11111100
Figure 9-5. Alternate Counter Registers (ACRH, ACRL)
ACRH ($001A)
TMR LSB
16-BIT COUNTER
÷ 4
INTERNAL
(XTAL ÷ 2)
RESET
CLOCK
ACRL ($001B)
INTERNAL
($FFFC)
DATA
READ
ACRH
READ
ACRL
READ
LATCH
BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com