Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 98Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
MC68HC05PL4
A-6
REV 2.0
A.6
SUPPLY CURRENT CHARACTERISTICS
NOTES:
1. VDD as indicated, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted.
2. All values shown re ect a verage measurements.
3. Typical values at midpoint of voltage range, 25°C only.
4. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 pin or inter-
nal oscillator, all inputs 0.2 VDC from either supply rail (VDD or VSS); no DC loads, less than 50 pF on all
outputs, CL = 20pF on OSC2.
5. Wait, Stop IDD: All ports con gured as inputs , VIL = 0.2 VDC, VIH = VDD – 0.2 VDC.
6. Stop IDD measured with OSC1 = VDD.
7. Wait IDD is affected linearly by the OSC2 capacitance.
Characteristic
Symbol
Min
Typ
Max
Unit
VDD = 4.4 V to 3.6V
Internal RC (about 500kHz)
Run
Wait
Stop
External Crystal/Ceramic Resonator @ 5.12MHz
Run
Wait
Stop
IDD
IDD
IDD
IDD
IDD
IDD
—
—
—
—
—
—
966
486
4
4.398
922
5
—
—
—
—
—
—
µA
µA
µA
mA
µA
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com