Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
SYSTEM CLOCKS
REV 2.0
8-1
SECTION 8
SYSTEM CLOCKS
This section describes the system clock options for the MC68HC05PL4.
8.1
SYSTEM CLOCK SOURCE AND FREQUENCY OPTION
The operating bus frequency of the MCU is dependent on the clock source (OSC1
or internal RC) and the clock divider ratio. These are selected in the System Clock
Control Register (SYSCR).
SYSDIV1,SYSDIV2 — System Clock Divider Select
The SYSDIV1 and SYSDIV2 bits select the divide ratio for the clock source.
After power-on-reset, the default setting is divide by 2. Table 8-1 shows the
divide ratios.
CKSEL1,CKSEL2 — System Clock Source Select
The CKSEL1 and CKSEL2 bits select the system clock source for the MCU. After
power-on-reset, the default setting is internal RC. Table 8-2 shows the system
clock source options.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SYSCR
R
SYSDIV1 SYSDIV2 CKSEL1
CKSEL2
FMODE
OSCF
RCF
CKOSC
$001D
W
POR
00101010
Figure 8-1. System Clock Control Register (SYSCR)
Table 8-1. System Clock Divider Select
SYSDIV1
SYSDIV2
DIV
00
2
01
4
10
8
11
16
Table 8-2. System Clock Source Select
CKSEL1
CKSEL2
Select Option
0
0
External from OSC1
0
1
External from OSC1
1
0
Internal RC
1
1
External from OSC1 (with RC enabled)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com