Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
INTERRUPTS
REV 2.0
4-7
4.7
KEYBOARD INTERRUPT
Port B has internal pull-up resistors (typically 100KΩ) and are enabled individually
by setting the corresponding bit in the Pull-Up Enable Register (PUER).
PB0 to PB3 have keyboard interrupt functions, with individual enable and ag bits
in registers $000B and $000C.
A falling edge on any one of the keyboard interrupt pins sets the corresponding
KIF ag in the Keyboard Interrupt Flag Register (KIFR) located at $000C. If the
associated KIE bit in the Keyboard Interrupt Enable Register (KIER) located at
$000B is also set, a keyboard interrupt is generated to the processor.
KIFx can be cleared by writing “1” to the bit. Resets clear both KIFR and KIER.
Keyboard Interrupt can wake up the MCU from WAIT mode or STOP mode.
NOTE
Since the Keyboard Interrupt function is associated with PB0-PB3, any falling
edge on these pins sets the corresponding KIF ag in the K eyboard Interrupt Flag
Register. Therefore, PB0-PB3 should be connected to internal or external pull-
ups, and KIFR cleared before these port pins switch from I/O to keyboard
application.
To use the keyboard interrupt function to exit from WAIT or STOP, it must be
enabled prior entering either of the power saving modes.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PUER
R
PUL7
PUL6
PUL5
PUL4
PUL3
PUL2
PUL1
PUL0
$000A W
RESET
00000000
Figure 4-5. Pull-Up Enable Register (PUER)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
KIER
R
KIE3
KIE2
KIE1
KIE0
$000B W
RESET
00000000
Figure 4-6. Keyboard Interrupt Enable Register (KIER)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
KIFR
R
KIF3
KIF2
KIF1
KIF0
$000C W
RESET
00000000
Figure 4-7. Keyboard Interrupt Flag Register (KIFR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com