Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
ELECTRICAL SPECIFICATIONS
REV 2.0
13-3
13.5
DC ELECTRICAL CHARACTERISTICS (4V)
NOTES:
1. VDD = 4.0V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted.
2. All values shown re ect a verage measurements.
3. Typical values at midpoint of voltage range, 25°C only.
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Iload = 10µA
Iload = –10µA
VOL
VOH
—
VDD–0.1
—
—
0.1
—
V
V
Output High Voltage (Iload = –0.8 mA)
PA0:6, PB0:7, PC0:7, PD0:3, RESET
VOH
VDD–0.8
—
—
V
Output Low Voltage
(Iload = 1.6 mA) PA0:6, PB0:7, PC0:7, PD0:3, RESET
(Iload = 10 mA) LED/IRQ/VPP
VOL
VOL
—
—
0.15
0.20
0.4
0.4
V
V
High Sink Current (VOL = 0.4)
Sink current per pin, PA5, PA6
Sink current total for PC4:7 pins
IOL
IOL
—
—
9
9
10
10
mA
mA
Input High Voltage
PA0:6, PB0:7, PC0:7, PD0:3, RESET, LED/IRQ/VPP
VIH
0.7 x VDD
—VDD
V
Input Low Voltage
PA0:6, PB0:7, PC0:7,PD0:3, RESET,LED/IRQ/VPP
VIL
VSS
—
0.3 x VDD
V
Input Current (with pulldowns disabled)
PA0:6, PB0:7, PC0:7, PD0:3, RESET, LED/IRQ/VPP
IIN
——
±1
µA
I/O Ports High-Z Leakage Current
PA0:6, PB0:7, PC0:7, PD0:3
IOZ
——
±10
µA
Input Pulldown Current (VDD = 4.0V)
PB0:7
IIL
—34
60
µA
Internal Pull-Up for PB0:7
R
—
110
—
kΩ
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com