Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05PL4B Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
GENERAL DESCRIPTION
MC68HC05PL4
1-4
REV 2.0
1.4
PIN DESCRIPTIONS
The following paragraphs give a description of each functional pin.
1.4.1 VDD, VSS
Power is supplied to the MCU using these pins. VDD is the positive supply and
VSS is the ground pin.
1.4.2 OSC1, OSC2
OSC2 is only available on MC68HC05PL4B.
The OSC1 and OSC2 pins are the connections for the on-chip oscillator — the
following con gur ations are available:
1. A crystal or ceramic resonator as shown in Figure 1-4(a).
2. An external clock signal as shown in Figure 1-4(b).
The external oscillator clock frequency, fOSC, is divided by two to produce the
internal operating frequency, fOP.
Figure 1-4. Oscillator Connections
1.4.3 RESET
This active low input-only pin is used to reset the MCU to a known start-up state.
The RESET pin has an Schmitt trigger circuit as part of its input to improve noise
immunity.
1.4.4 LED/IRQ
This pin has two functions, con gured b y the IRQEN bit in the Miscellaneous Con-
trol and Status Register, at $1C (MISCR).
When this pin is IRQ, it drives the asynchronous IRQ interrupt function of the
CPU. The IRQ interrupt function uses the IRQS bit in the MISCR to provide either
only negative edge-sensitive triggering or both negative edge-sensitive and low
level-sensitive triggering. If the MISCR bit is set to enable level-sensitive
MCU
(a) Crystal or
Ceramic Resonator
Connections
OSC1
OSC2
2 MΩ
UNCONNECTED
EXTERNAL CLOCK
(c) External
Clock Source
Connection
OSC1
OSC2
MCU
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com