Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 15Page - Microchip Technology MIC5166 Datasheet HTML 16Page - Microchip Technology MIC5166 Datasheet HTML 17Page - Microchip Technology MIC5166 Datasheet HTML 18Page - Microchip Technology MIC5166 Datasheet HTML 19Page - Microchip Technology MIC5166 Datasheet HTML 20Page - Microchip Technology MIC5166 Datasheet HTML 21Page - Microchip Technology MIC5166 Datasheet HTML 22Page - Microchip Technology MIC5166 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 19
MIC5166
FIGURE 5-2:
Turn-On Sequence without
Soft-Start (RC = Open).
V
IN
5.0V
PG1
EN1
V
DDQ
EN2
PG2
1.0μF
10μF
22μF
x4
PVIN
SVIN
PGND
PG
EN/DLY
RC
SW
EP
SGND
FB
DELAY
COMP
1.0μH
BIAS
VIN
PGND
EN
PG
VDDQ
VTT
SNS
EP
AGND
VREF
V
DDQ
1.8V/7A
R1
R2
39pF
4.7μF
V
TT
0.9V/±3A
V
REF
10mA
22μF
1.0μF
MIC22705
MIC5166
47μF
x2
EN/EN2
V
DDQ
V
TT
V
IN = 5V
V
DDQ = 1.8V
V
TT = 0.9V
I
OUT1 = 1A
I
OUT2 = 1A
R
C = OPEN
Time (4ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com