Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 2 Page - Microchip Technology

  MIC5166 Datasheet HTML 1Page - Microchip Technology MIC5166 Datasheet HTML 2Page - Microchip Technology MIC5166 Datasheet HTML 3Page - Microchip Technology MIC5166 Datasheet HTML 4Page - Microchip Technology MIC5166 Datasheet HTML 5Page - Microchip Technology MIC5166 Datasheet HTML 6Page - Microchip Technology MIC5166 Datasheet HTML 7Page - Microchip Technology MIC5166 Datasheet HTML 8Page - Microchip Technology MIC5166 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MIC5166
DS20006085B-page 2
 2018 - 2019 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
VTT
1.0μF
PGND
22μF
AGND
PG
EP
VREF
1.0μF
MIC5166
BIAS
10
SNS
10μF
VIN
PG
9
1
3
6
2
7
8
10
4.7μF
4
VDDQ
EN
EN
5
V
BIAS
2.5V TO 5.5V
V
IN
0.9V TO 3.6V
V
DDQ
0.9V TO 3.6V
V
TT
±3A
V
REF
10mA
PG
2x10μF
MIC5166
EN
VTT
SNS
EN
PGND
BIAS
VIN
10μF
CONTROL
LOGIC
UVLO
THERMAL
SHUTDOWN
V
BIAS
2.5V TO 5.5V
10
45
5
5
1.0μF
45
4.7μF
90%
VREF
110%
VREF
PG
VDDQ
VREF
AGND
V
DDQ
0.9V TO 3.6V
UVLO
1μF
EP
V
IN
0.9V TO 3.6V
V
TT
±3A
V
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com