Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5166 Datasheet HTML 1Page - Microchip Technology MIC5166 Datasheet HTML 2Page - Microchip Technology MIC5166 Datasheet HTML 3Page - Microchip Technology MIC5166 Datasheet HTML 4Page - Microchip Technology MIC5166 Datasheet HTML 5Page - Microchip Technology MIC5166 Datasheet HTML 6Page - Microchip Technology MIC5166 Datasheet HTML 7Page - Microchip Technology MIC5166 Datasheet HTML 8Page - Microchip Technology MIC5166 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 1
MIC5166
Features
• Operating Voltage Range:
-VDDQ Supply: 0.9V to 3.6V
- Bias Supply: 2.5V to 5.5V
• High Bandwidth: Very Fast Transient Response
• Stable with Two 10 µF Ceramic Output Capacitors
• Two 10 µF Output Capacitors used in Most
Applications
• High Output Voltage Accuracy:
- 0.015% Line Regulation
- 1.5% Load Regulation
• Logic Level Enable Input
• Power Good (PG)
• Thermally Enhanced 3 mm x 3 mm DFN
• Junction Temperature Range –40°C to +125°C
• This Device Meets DDR4 Requirements
Applications
• Desktop Computers
• Notebook Computers
• Datacom Systems
•Servers
• Video Cards
General Description
The MIC5166 is a 3A, high-speed, linear, low VIN,
double data rate (DDR), memory terminator power
supply. The part is small and requires small output
capacitors, making it a tiny overall solution. This allows
it to be conveniently placed close to the DDR memory,
minimizing circuit board layout inductance that may
cause excessive voltage ripple at the DDR memory.
The MIC5166 contains a precision voltage divider
network in order to take in the VDDQ voltage as a
reference voltage and conveniently output the
terminator voltage (VTT) at one half of the VDDQ input
voltage.
The MIC5166 is capable of sinking and sourcing up to
3A. It is stable with only two 10 µF ceramic output
capacitors. The part is available in a small 3 mm x
3 mm DFN thermally-enhanced package.
The MIC5166 has a high-side NMOS output stage
offering very low output impedance, and very high
bandwidth. The NMOS output stage offers a unique
ability to respond very quickly to sudden load changes
such as is required for DDR memory termination power
supply applications.
Package Type
MIC5166
10-Lead 3 mm x 3 mm DFN (ML)
(Top View)
AGND
BIAS
VREF
VDDQ
PG
SNS
EN
PGND
VTT
VIN
EP
110
2
3
4
56
7
8
9
3A High-Speed, Low-VIN DDR Terminator


Similar Part No. - MIC5166

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
3A High-Speed Low VIN DDR Terminator
logo
Microchip Technology
MIC5166 MICROCHIP-MIC5166 Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
logo
Micrel Semiconductor
MIC5166YML MICREL-MIC5166YML Datasheet
1Mb / 25P
3A High-Speed Low VIN DDR Terminator
logo
Microchip Technology
MIC5166YML-TR MICROCHIP-MIC5166YML-TR Datasheet
1Mb / 36P
3A High-Speed, Low-VIN DDR Terminator
More results

Similar Description - MIC5166

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
3A BUS TERMINATOR
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
DDR SDRAM TERMINATOR NETWORKS.
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
3A BUS TERMINATOR
logo
Micrel Semiconductor
MIC47100 MICREL-MIC47100 Datasheet
754Kb / 13P
1A High Speed Low VIN LDO
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
3A BUS TERMINATOR
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC5166 MICREL-MIC5166 Datasheet
1Mb / 25P
3A High-Speed Low VIN DDR Terminator
logo
CTS Corporation
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
DDR SDRAM Terminator
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com