Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 33 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 28Page - Microchip Technology MIC5166 Datasheet HTML 29Page - Microchip Technology MIC5166 Datasheet HTML 30Page - Microchip Technology MIC5166 Datasheet HTML 31Page - Microchip Technology MIC5166 Datasheet HTML 32Page - Microchip Technology MIC5166 Datasheet HTML 33Page - Microchip Technology MIC5166 Datasheet HTML 34Page - Microchip Technology MIC5166 Datasheet HTML 35Page - Microchip Technology MIC5166 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 33
MIC5166
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5166YML-TR:
MIC5166, –40°C to +125°C
Temperature Range,
10-Lead 3 mm x 3 mm DFN,
5,000/Reel
Device:
MIC5166:
3A High-Speed, Low VIN DDR Terminator
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
ML =
10-Lead 3 mm x 3 mm x 0.9 mm DFN
Media Type:
TR =
5,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
X
XX
-XX
Part No.
Junction
Temp. Range
Package
Media Type
Note:
DFN is a green, RoHS-compliant package. Lead finish is
NiPdAu. Mold compound is Halogen free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com