Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 12Page - Microchip Technology MIC5166 Datasheet HTML 13Page - Microchip Technology MIC5166 Datasheet HTML 14Page - Microchip Technology MIC5166 Datasheet HTML 15Page - Microchip Technology MIC5166 Datasheet HTML 16Page - Microchip Technology MIC5166 Datasheet HTML 17Page - Microchip Technology MIC5166 Datasheet HTML 18Page - Microchip Technology MIC5166 Datasheet HTML 19Page - Microchip Technology MIC5166 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MIC5166
DS20006085B-page 16
 2018 - 2019 Microchip Technology Inc.
FIGURE 4-2:
Power Good Threshold.
The PG has an open-drain output. A pull-up resistor
must be connected to VBIAS, VIN, or an external source.
The external source voltage must not exceed the
maximum rating of the pin. The PG pin can be
connected to another regulator’s enable pin for
sequencing of the outputs.
4.6
VBIAS Requirement
A 1 µF ceramic input capacitor is required on the VBIAS
pin. To achieve the ultra-fast transient response, the
MIC5166 uses an all N-channel power output stage as
shown in the Functional Block Diagram. The high-side
N-channel MOSFET requires the VBIAS voltage to be
2.2V higher than the VTT to be able to fully enhance the
high-side MOSFET.
4.7
VIN Requirement
VIN is used to supply the rail voltage for the high-side
N-channel power output stage. It is normally connected
to VDDQ, but it can be connected to a lower voltage to
reduce power dissipation. In this case, the input voltage
must be higher than the VTT voltage to ensure that the
output stage is not operating in dropout.
V
REF
PG
0.90*VREF
0.88*VREF
0V
0V
1.10*VREF
1.08*VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com