Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5166 Datasheet HTML 1Page - Microchip Technology MIC5166 Datasheet HTML 2Page - Microchip Technology MIC5166 Datasheet HTML 3Page - Microchip Technology MIC5166 Datasheet HTML 4Page - Microchip Technology MIC5166 Datasheet HTML 5Page - Microchip Technology MIC5166 Datasheet HTML 6Page - Microchip Technology MIC5166 Datasheet HTML 7Page - Microchip Technology MIC5166 Datasheet HTML 8Page - Microchip Technology MIC5166 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 5
MIC5166
Short-Current Protection
Sourcing Current Limit
ILIM
3.1
4.9
7.8
AVIN = 2.7V, VTT = 0V
Sinking Current Limit
ILIM
–3.1
–4.9
–7.8
AVIN = 2.7V, VTT = VIN
Internal FETs
Top MOSFET
RDS(ON)
—
130
190
mΩ
Source, IOUT = 3A (VTT to PGND)
Bottom MOSFET
RDS(ON)
—
130
190
mΩ
Sink, IOUT = –3A (VIN to VTT)
Power Good (PG)
PG Window
—
≥90
—
≤110
%
Threshold percent of VTT from VREF
Hysteresis
—
—
2
—
%
—
PG Output Low Voltage
—
—
430
—
mV
IPG = 4 mA (sinking)
PG Leakage Current
—
—
—
1.0
µA
VPG = 5.5V, VSNS = VREF
Thermal Protection
Overtemperature
Shutdown
—
—
150
—
°C
TJ rising
Overtemperature
Shutdown Hysteresis
——
10
—
°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = 1.5V, VBIAS = 3.3V, VDDQ = 1.5V, TA = +25°C, unless noted. Bold values indicate
–40°C ≤ TJ ≤ +125°C. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com