Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5166 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 11Page - Microchip Technology MIC5166 Datasheet HTML 12Page - Microchip Technology MIC5166 Datasheet HTML 13Page - Microchip Technology MIC5166 Datasheet HTML 14Page - Microchip Technology MIC5166 Datasheet HTML 15Page - Microchip Technology MIC5166 Datasheet HTML 16Page - Microchip Technology MIC5166 Datasheet HTML 17Page - Microchip Technology MIC5166 Datasheet HTML 18Page - Microchip Technology MIC5166 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 15
MIC5166
4.0
FUNCTIONAL DIAGRAM
DDR memory requires two power supplies: one for the
memory chip, referred to as VDDQ, and the other for a
termination supply, VTT, which is one-half VDDQ. With
memory speeds in excess of 300 MHz, the memory
system bus must be treated as a transmission line. To
maintain good signal integrity the memory bus must be
terminated to minimize signal reflections. Figure 4-1
shows the simplified termination circuit. Each control,
address and data lines have these termination resistors
RS and RT connected to them.
FIGURE 4-1:
DDR Memory Termination
Circuit.
Bus termination provides a means to increase signaling
speed while maintaining good signal integrity. The
termination network consists of a series resistor (RS)
and a terminating resistor (RT). Values of RS range
between 10Ω to 30Ω with a typical of 22Ω, while RT
ranges from 22Ω to 28Ω with a typical value of 25Ω.
VREF must maintain half VDDQ with a ±1% tolerance,
while VTT will dynamically sink and source current to
maintain a termination voltage of ±40 mV from the
VREF line under all conditions. This method of bus
termination reduces common-mode noise, settling
time, voltage swings, EMI/RFI, and improves slew
rates.
VDDQ powers all the memory ICs, memory drivers and
receivers for all the memory bits in the DDR memory
system. The MIC5166 regulates VTT to VDDQ/2 during
sourcing or sinking current.
The memory bits are not usually all at a logic high or
logic low at the same time, so the VTT supply is usually
not sinking or sourcing –3A or +3A current
continuously.
4.1
VTT
VTT is regulated to VREF. Due to high-speed signaling,
the load current seen by VTT is constantly changing. To
maintain adequate transient response, two 10 µF
ceramic capacitors are required. The proper placement
of ceramic capacitors is important to reduce both ESR
and ESL such that high-current and high-speed
transients do not exceed the dynamic voltage tolerance
requirement of VTT. The ceramic capacitors provide
current during the fast edges of the bus transition.
Using several smaller ceramic capacitors distributed
near the termination resistors is important to reduce the
effects of PCB trace inductance.
4.2
VDDQ
The VDDQ input on the MIC5166 is used to create the
internal reference voltage for VTT. The reference
voltage is generated from an internal resistor divider
network of two 500 kΩ resistors, generating a
reference voltage VREF that is VDDQ/2. The VDDQ input
should be Kelvin connected as close as possible to the
memory supply voltage.
Because the reference is simply VDDQ/2, any
perturbations on VDDQ will also appear at half the
amplitude on the reference. For this reason, a 4.7 µF
ceramic capacitor is required on the VDDQ supply. This
will aid performance by improving the source
impedance over a wide frequency range.
4.3
Sense
The sense (SNS) pin provides the path for the error
amplifier to regulate VTT. The SNS input must also be
Kelvin connected to the VTT bypass capacitors. If the
SNS input is connected too close to the MIC5166, the
IR drop of the PCB trace can cause the VTT voltage at
the memory chip to be too low. Placing the MIC5166 as
close as possible to the DDR memory will improve the
load regulation performance.
4.4
Enable
The MIC5166 features an active-high enable input (EN)
that allows on-off control of the regulator. The current
through the device reduces to near “zero” when the
device is shutdown, with only <0.2 µA of leakage
current. The EN input may be directly tied to VBIAS. The
active-high enable pin uses CMOS technology and the
enable pin cannot be left floating. A floating enable pin
may cause an indeterminate state on the output.
4.5
Power Good (PG)
The power good (PG) output provides an undervoltage
and overvoltage fault flag for the VTT output. The PG
output remains high as long as VTT is within ±10%
range of VREF and goes low if the output moves beyond
this range.
-
+
DDR
MEMORY
VTT
VDDQ
1.0μF
PGND
22μF
AGND
EN
EP
VREF
1.0μF
R
T
R
S
VDDQ
1.8V
MIC5166
-
+
CHIP SET
R
T
R
S
VDDQ
VDDQ
VDDQ
VREF
+
BIAS
VBIAS
SNS
10μF
VIN
EN
4.7μF
PG
PG
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com